Electronic Components Datasheet Search
  English  ▼

X  

CS8127 Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

Part # CS8127
Description  5V Linear Controller/Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8127 Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

  CS8127 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8127 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8127 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8127 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8127 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8127 Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
The CS8127 contains all the necessary
control circuitry to implement a 5V lin-
ear regulator. An external pass device is
used to produce superior performance
compared to conventional monolithic
regulators. The CS8127 with a TIP42
PNP transistor typically provides a
100mV dropout voltage at 500mA,
increasing to 350mV at 3A. Quiescent
current at 500mA is only 5mA.
Monolithic regulators cannot approach
these figures because their power tran-
sistors do not provide the high beta and
excellent saturation characteristics at
high currents. The CS8127 is compatible
with a wide variety of external transis-
tors, allowing flexibility for thermal,
space, and cost management.
The CS8127 includes thermal shutdown,
externally programmable current limit,
and over-voltage shutdown, making it
suitable for use in automotive and
switching regulator post regulator appli-
cations. An optional external RC filter
added to the CS8127 supply lead pro-
vides EMC hardening in addition to the
on-chip EMC hardening. The SENSE
lead allows remote sensing of the output
voltage for improved regulation.
An active microprocessor RESET func-
tion is included on-chip with externally
programmable delay time. During
power-up, or after detection of any error
in the regulated output, the RESET lead
will remain in the low state for the dura-
tion of the delay. Types of errors include
short circuit, low input voltage, over-
voltage shutdown, thermal shutdown,
or others that cause the output to
become unregulated. This function is
independent of the input voltage and
will function correctly with an output
voltage as low as 1V. Hysteresis is
included in both the reset and delay
comparators for noise immunity and to
prevent oscillations. A latching dis-
charge circuit is used to discharge the
delay capacitor, even when triggered by
a relatively short fault condition. This
circuit improves upon the commonly
used SCR structure by providing
improved noise immunity and full
capacitor discharge (0.2V typ).
Features
+
-
-
+
IC
Reference
Gnd
PRE-
REGULATOR
IC
Power
Gnd
Regulated Supply
for Circuit Bias
10
mA
Delay
Current
Delay
Ref Gnd
Pwr Gnd
Thermal
Shutdown
Bandgap
Reference
Reset
Comparator
Latching
Discharge
Q S
R
Vdis
Delay
Comparator
1.25V
Error
Amp
PULLUP
VIN
Sense
-
-
+
RESET
Over
Voltage
Shutdown
50
mA
VOUT
s
Externally Set Delay for
Reset
s
60V Peak Transient
Capability
s
Internal Thermal
Overload Protection
s
3% Output Accuracy
s
Active RESET
s
Noise Immunity
s
On Chip EMC Hardening
Protection Incorporated
s
Externally Set Current
Limit
Package Options
8L SO & 8L PDIP
5V Linear Controller/Driver
1
VIN
2
3
4
Sense
Delay
VOUT
Pwr Gnd
Pullup
Ref Gnd
8
7
6
5
RESET
CS8127
Description
Block Diagram
A
Company
¨
Rev. 2/12/99
Cherry Semiconductor Corporation
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885-3600 Fax: (401)885-5786
Email: info@cherry-semi.com
Web Site: www.cherry-semi.com


Similar Part No. - CS8127

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS8127 ONSEMI-CS8127 Datasheet
73Kb / 8P
5V Linear Controller/Driver
December, 2001 - Rev. 3
CS8127YD8 ONSEMI-CS8127YD8 Datasheet
73Kb / 8P
5V Linear Controller/Driver
December, 2001 - Rev. 3
CS8127YDR8 ONSEMI-CS8127YDR8 Datasheet
73Kb / 8P
5V Linear Controller/Driver
December, 2001 - Rev. 3
More results

Similar Description - CS8127

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8128 CHERRY-CS8128 Datasheet
166Kb / 6P
5V Linear Controller/Driver
Rev. 2/5/99
logo
Richtek Technology Corp...
RT9212 RICHTEK-RT9212 Datasheet
300Kb / 14P
Dual 5V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9218 RICHTEK-RT9218 Datasheet
403Kb / 18P
5V/12V Synchronous Buck PWM DC-DC and Linear Power Controller
logo
Diodes Incorporated
AL8400 DIODES-AL8400 Datasheet
252Kb / 12P
0.2V LINEAR LED DRIVER CONTROLLER
DS35115 Rev. 1 - 2
logo
TriQuint Semiconductor
AH314 TRIQUINT-AH314_15 Datasheet
406Kb / 9P
2.3-2.9 GHz 2W 5V Linear Driver Amplifier
logo
M/A-COM Technology Solu...
MADR-007098-000100 MA-COM-MADR-007098-000100_15 Datasheet
69Kb / 4P
Linear Driver
logo
ON Semiconductor
CS8121 ONSEMI-CS8121 Datasheet
102Kb / 8P
5V, 1A Linear Regulator
December, 2001 - Rev. 7
CS8127 ONSEMI-CS8127 Datasheet
73Kb / 8P
5V Linear Controller/Driver
December, 2001 - Rev. 3
CS8128 ONSEMI-CS8128 Datasheet
68Kb / 8P
5V Linear Controller/Driver
December, 2001 - Rev. 7
logo
Diodes Incorporated
AL1771 DIODES-AL1771 Datasheet
622Kb / 24P
PFC CONTROLLER SINGLE/DUAL DIMMABLE LINEAR LED DRIVER
Rev 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com