Electronic Components Datasheet Search
  English  ▼

X  

CS8127 Datasheet(PDF) 5 Page - Cherry Semiconductor Corporation

Part # CS8127
Description  5V Linear Controller/Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8127 Datasheet(HTML) 5 Page - Cherry Semiconductor Corporation

  CS8127 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8127 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8127 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8127 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8127 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8127 Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
VIN
Sense
Delay
Ref Gnd
PULLUP
Pwr Gnd
VOUT
RRST
4.7 k
W
CDelay
0.022
mF
CO
10
mF
VOUT
(5V)
VIN
RIN
220
W
CIN
0.022
mF
TIP42B
ROUT
220
W
Gnd
CS-8127
RESET
RESET
Test Circuit
Application Information
The CS8127 includes an over voltage shutdown circuit.
Shutdown typically occurs at 36V.
The CS8127 includes a thermal shutdown circuit that dis-
ables the output when junction temperature exceeds
approximately 180ûC. This is a self-protection feature
designed to protect the CS8127. The thermal shutdown cir-
cuit does not monitor the temperature of the pass transis-
tor, which will probably be much hotter. To optimize ther-
mal shutdown, board design should minimize the differ-
ence in temperature of the CS8127 and the pass device.
External Pass Device
- Select a pass device that will deliv-
er the desired output current, withstand the maximum
expected input voltage, and dissipate the resulting power.
The CS8127 is compatible with a wide variety of Bipolar
and FET pass transistors.
Output Capacitor
- An output capacitor is required for sta-
bility in most applications. Though a 10µF capacitor should
be sufficient, regulator stability is dependent on the
characteristics of the pass transistor. Capacitor effective
series resistance (ESR) also factors in system stability. Some
bench work may be required to determine the capacitor
characteristics required for use in a particular application.
BIAS Resistor
- This resistor provides bias current for the
CS8127 output stage, and prevents the pass device from
ÒleakingÓ. It also speeds the turn-off of the pass device
during an overvoltage transient. For proper operation over
temperature, the recommended value is 560½, although it
may be increased or decreased for a particular application.
ROUT Resistor - This resistor controls the drive current
available to the pass transistor. It also determines regula-
tor start-up current and short circuit current limit. For
bipolar pass transistors, it can be selected by use of the fol-
lowing formulae:
ROUT =
x §Q1***
***
bQ1 = Pass transistor minimum b @ maximum output
current.
Typical start-up current and current limit can be calculat-
ed as follows:
ISTART Å
+ 5mA
ILimit Åx §Q1 @ Current Limit
For example, if the minimum input voltage is 6V, maxi-
mum output current is 1Amp, and minimum transistor
b @ 1Amp is 60, then ROUT can be calculated as follows:
ROUT Å
x 60 = 300½
IStart Å
+ 5mA = 18.3mA
With VIN = 14V, and a pass transistor b of 40 @ current
limit:
ILimit Å
x 40 = 1.7Amps
14V Ð 1V
300½
4V
300½
6V Ð 1V
1Amp
VIN Ð 1V
ROUT
4V
ROUT
VIN(min) Ð 1V
IOUT(max)
External Component Selection
Thermal Shutdown
Overvoltage Shutdown



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com