Electronic Components Datasheet Search
  English  ▼

X  

CS8164 Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

Part # CS8164
Description  8V/5V Low Dropout Dual Regulator with ENABLE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8164 Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

  CS8164 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8164 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8164 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8164 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8164 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8164 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS8164 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS8164 Datasheet HTML 8Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Features
s
Two Regulated Outputs
Primary Output
8V ±5%; 750mA
Secondary Output
5V ±2%; 100mA
s
Low Dropout Voltage
s
ON/OFF Control
Option
s
Standby Quiescent Drain
(<2mA)
s
Protection Features
Reverse Battery
60V Peak Transient
Voltage
-50V Reverse Transient
Short Circuit
Thermal Shutdown
Package Options
5 Lead TO-220
Tab (Gnd)
1
8V/5V Low Dropout Dual Regulator
with ENABLE
CS8164
Description
VIN
VOUT2
Gnd
VOUT1
ENABLE
Output
Current
Limit
+
-
Output
Current
Limit
Over Voltage
Shutdown
Primary Output
Standby Output
+
-
Thermal
Shutdown
Bandgap
Reference
+
-
Block Diagram
Absolute Maximum Ratings
DC Input Voltage.............................................................................-0.5V to 26V
Transient Peak Voltage (46V Load Dump) .................................................60V
Internal Power Dissipation ..................................................Internally Limited
Operating Temperature Range................................................-40¡C to +125¡C
Junction Temperature Range...................................................-40¡C to +150¡C
Storage Temperature Range ....................................................-65¡C to +150¡C
Reverse Polarity VOUT1 Input Voltage, DC ................................................-18V
Reverse Polarity Input Voltage, Transient ................................................-50V
Lead Temperature Soldering
Wave Solder (through hole styles only)..........10 sec. max, 260¡C peak
The CS8164 is a low dropout, dual
8V/5V linear regulator. The secondary
5V/100mA output is used for powering
systems with standby memory.
Quiescent current drain is less than
2mA when supplying 10mA loads from
the standby regulator.
In automotive applications, the CS8164
and all regulated circuits are protected
from reverse battery installations, as
well as high voltage transients. During
line transients, such as a 60V load
dump, the 750mA output will automat-
ically shutdown to protect both internal
circuits and the load, while the sec-
ondary regulator continues to power
any standby load.
The on board ENABLE function con-
trols the regulator's primary output.
When ENABLE is in the low state, the
regulator is placed in STANDBY mode
where it draws 2mA (typ) quiescent
current.
The CS8164 is packaged in a 5-lead
TO-220, with copper tab for connection
to a heat sink, if necessary.
1VIN
2VOUT1
3 Gnd
4 ENABLE
5VOUT2
A
Company
¨
Rev. 2/17/98
Cherry Semiconductor Corporation
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885-3600 Fax: (401)885-5786
Email: info@cherry-semi.com
Web Site: www.cherry-semi.com


Similar Part No. - CS8164

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS8164 ONSEMI-CS8164 Datasheet
83Kb / 8P
8V/5V Low Dropout Dual Regulator
December, 2001 - Rev. 4
logo
Hubbell Incorporated.
CS8164C HUBBELL-CS8164C Datasheet
791Kb / 4P
50 Amp Twist-Lock® Devices
5/20
logo
ON Semiconductor
CS8164YT5 ONSEMI-CS8164YT5 Datasheet
83Kb / 8P
8V/5V Low Dropout Dual Regulator
December, 2001 - Rev. 4
CS8164YTHA5 ONSEMI-CS8164YTHA5 Datasheet
83Kb / 8P
8V/5V Low Dropout Dual Regulator
December, 2001 - Rev. 4
CS8164YTVA5 ONSEMI-CS8164YTVA5 Datasheet
83Kb / 8P
8V/5V Low Dropout Dual Regulator
December, 2001 - Rev. 4
More results

Similar Description - CS8164

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8135 CHERRY-CS8135 Datasheet
180Kb / 8P
5V, 5V Low Dropout Dual Regulator with /ENABLE RESET
Rev. 10/21/97
CS8147 CHERRY-CS8147 Datasheet
173Kb / 8P
10V/5V Low Dropout Dual Regulator with ENABLE
Rev. 4/5/99
CS8156 CHERRY-CS8156 Datasheet
172Kb / 8P
12V, 5V Low Dropout Dual Regulator with ENABLE
CS8161 CHERRY-CS8161 Datasheet
198Kb / 8P
12V, 5V Low Dropout Dual Regulator with ENABLE
CS8281 CHERRY-CS8281 Datasheet
153Kb / 6P
5V/250mA, 5V/100mA Micropower Low Dropout Regulator with ENABLE
CS8361 CHERRY-CS8361 Datasheet
169Kb / 6P
5V Dual Micropower Low Dropout Regulator with ENABLE and RESET
CS8391 CHERRY-CS8391 Datasheet
152Kb / 6P
5V/250mA, 5V/100mA Micropower Low Dropout Regulator with ENABLE
logo
Global Mixed-mode Techn...
G965 GMT-G965 Datasheet
400Kb / 8P
1.5A Low Dropout Regulator with Enable
G9105 GMT-G9105 Datasheet
404Kb / 9P
5V 1A Low Dropout Regulator with Enable
logo
ON Semiconductor
CS8164 ONSEMI-CS8164 Datasheet
83Kb / 8P
8V/5V Low Dropout Dual Regulator
December, 2001 - Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com