Electronic Components Datasheet Search
  English  ▼

X  

CS8164 Datasheet(PDF) 5 Page - Cherry Semiconductor Corporation

Part # CS8164
Description  8V/5V Low Dropout Dual Regulator with ENABLE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8164 Datasheet(HTML) 5 Page - Cherry Semiconductor Corporation

  CS8164 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8164 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8164 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8164 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8164 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8164 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS8164 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS8164 Datasheet HTML 8Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
The CS8164 is equipped with two outputs. The second
output is intended for use in systems requiring standby
memory circuits. While the high current primary output
can be controlled with the ENABLE lead described below,
the standby output remains on under all conditions as long
as sufficient input voltage is applied to the IC. Thus, mem-
ory and other circuits powered by this output remain unaf-
fected by positive line transients, thermal shutdown, etc.
The standby regulator circuit is designed so that the quies-
cent current to the IC is very low (<2mA) when the other
regulator output is off.
In applications where the standby output is not needed, it
may be disabled by connecting a resistor from the standby
output to the supply voltage. This eliminates the need for
a capacitor on the output to prevent unwanted oscilla-
tions. The value of the resistor depends upon the mini-
mum input voltage expected for a given system. Since the
standby output is shunted with an internal 6.0V Zener, the
current through the external resistor should be sufficient
Standby Output
VIN
ENABLE
VOUT1
System
Condition
60V
3V
2.4V
8V
0V
Turn
On
Load
Dump
Low VIN
Line Noise, Etc.
VOUT2
Short
Circuit
Thermal
Shutdown
Turn
Off
5V
0V
14V
5V
2.0V
0.8V
14V
26V
31V
8V
8V
2.4V
8V
8V
5V
0V
VOUT2
Typical Circuit Waveform
Dropout Voltage
The input-output voltage differential at which the circuit
ceases to regulate against further reduction in input volt-
age. Measured when the output voltage has dropped
100mV from the nominal value obtained at 14V input,
dropout voltage is dependent upon load current and junc-
tion temperature.
Input Voltage
The DC voltage applied to the input terminals with respect
to ground.
Input Output Differential
The voltage difference between the unregulated input
voltage and the regulated output voltage for which the
regulator will operate.
Line Regulation
The change in output voltage for a change in the input
voltage. The measurement is made under conditions of
low dissipation or by using pulse techniques such that the
average chip temperature is not significantly affected.
Load Regulation
The change in output voltage for a change in load current
at constant chip temperature.
Long Term Stability
Output voltage stability under accelerated life-test condi-
tions after 1000 hours with maximum rated voltage and
junction temperature.
Output Noise Voltage
The rms AC voltage at the output, with constant load and
no input ripple, measured over a specified frequency
range.
Quiescent Current
The part of the positive input current that does not con-
tribute to the positive load current. i.e., the regulator
ground lead current.
Ripple Rejection
The ratio of the peak-to-peak input ripple voltage to the
peak-to-peak output ripple voltage.
Temperature Stability of VOUT
The percentage change in output voltage for a thermal
variation from room temperature to either temperature
extreme.
Current Limit
Peak current that can be delivered to the output.
Definition of Terms
Circuit Description



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com