Electronic Components Datasheet Search
  English  ▼

X  

CS8190 Datasheet(PDF) 7 Page - Cherry Semiconductor Corporation

Part # CS8190
Description  Precision Air-Core Tach/Speedo Driver with Return to Zero
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8190 Datasheet(HTML) 7 Page - Cherry Semiconductor Corporation

  CS8190 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8190 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8190 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8190 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8190 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8190 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS8190 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS8190 Datasheet HTML 8Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Speedometer/Odometer or Tachometer Application
In some cases a designer may wish to use the CS8190 only
as a driver for an air-core meter having performed the F/V
conversion elsewhere in the circuit.
Figure 8 shows how to drive the CS8190 with a DC voltage
ranging from 2V to 6V. This is accomplished by forcing a
voltage on the F/VOUT lead. The alternative scheme shown
in Figure 9 uses an external op amp as a buffer and oper-
ates over an input voltage range of 0V to 4V.
Figure 8. Driving the CS8190 from an external DC voltage.
An alternative solution is to use the CS4101 which has a
separate function generator input lead and can be driven
directly from a DC source.
Figure 9. Driving the CS8190 from an external DC voltage using an Op
Amp Buffer.
VIN
0V to 4V DC
F/VOUT
CP-
CS8190
BIAS
100k
W
100k
W
+
-
+
-
10k
W
100k
W
100k
W
F/VOUT
CP-
CS8190
BIAS
10k
W
100k
W
VREG
N/C
VIN
2V to 6V DC
Figure 6
R1 - 3.9, 500mW
R2 - 10k½
R3 - 3k½
R4 - 1k½
RT - Trim Resistor ±20 PPM/DEG. C
C1 - 0.1µF
C2 -
1. Stand alone Speedo or Tach with return to Zero, 2000µF
2. With CS8441 application, 10µF
C3 - 0.1µF
C4 - 0.47µF
CT - 0.0033µF, ±30 PPM/¡C
D1 - 1A, 600 PIV
D2 - 50V, 500mW Zener
Note 1: C2 (> 2000µF) is needed if return to zero function is required.
Note 2: The product of C4 and R4 have a direct effect on gain and
therefore directly effect temperature compensation.
Note 3: C4 Range; 20pF to .2µF.
Figure 7
Note 4: R4 Range; 100k½ to 500k½.
Note 5: The IC must be protected from transients above 60V and reverse
battery conditions.
Note 6: Additional filtering on the FREQIN lead may be required.
1 CP+
2
3
4
5
6
7
8
SQOUT
FREQIN
Gnd
Gnd
COS+
COS-
VCC
16
15
14
13
12
11
10
9
CP-
F/VOUT
VREG
Gnd
Gnd
SINE+
SINE-
BIAS
CT
R3
C3
C1
D2
R1
D1
+
C4
RT
COSINE
SINE
Air Core
Gauge
200
W
Speedometer
Gnd
Battery
Speedo
Input
R2
R4
1
CS8441
C2
Air Core
Stepper Motor
200
W
Odometer
CP+
1 CP+
2
3
4
5
6
7
8
SQOUT
FREQIN
Gnd
Gnd
COS+
COS-
VCC
16
15
14
13
12
11
10
9
CP-
F/VOUT
VREG
Gnd
Gnd
SINE+
SINE-
BIAS
CT
R3
C3
C1
D2
R1
D1
+
C4
RT
COSINE
SINE
Air Core
Gauge
200
W
Speedometer
Gnd
Battery
Speedo
Input
C2
R2
R4
CP+



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com