Electronic Components Datasheet Search
  English  ▼

X  

CS8190 Datasheet(PDF) 8 Page - Cherry Semiconductor Corporation

Part # CS8190
Description  Precision Air-Core Tach/Speedo Driver with Return to Zero
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8190 Datasheet(HTML) 8 Page - Cherry Semiconductor Corporation

  CS8190 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8190 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8190 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8190 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8190 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8190 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS8190 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS8190 Datasheet HTML 8Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
Part Number
Description
CS8190ENF16
16L PDIP (internally fused leads)
CS8190EDWF20
20L SOIC (internally fused leads)
CS8190EDWFR20 20L SOIC (internally fused leads)
(tape & reel)
Rev. 11/21/96
D
Lead Count
Metric
English
Max
Min
Max
Min
16L PDIP*
19.69 18.67
.775
.735
20L SOIC*
13.00 12.60
.512
.496
Ordering Information
Thermal Data
16L PDIP*
20L SOIC*
RQJC
typ
15
9
ûC/W
RQJA
typ
50
55
ûC/W
Package Specification
PACKAGE DIMENSIONS IN mm (INCHES)
PACKAGE THERMAL DATA
© 1999 Cherry Semiconductor Corporation
Cherry Semiconductor Corporation reserves the
right to make changes to the specifications without
notice. Please contact Cherry Semiconductor
Corporation for the latest available information.
Plastic DIP (N); 300 mil wide
0.39 (.015)
MIN.
2.54 (.100) BSC
1.77 (.070)
1.14 (.045)
D
Some 8 and 16 lead
packages may have
1/2 lead at the end
of the package.
All specs are the same.
.203 (.008)
.356 (.014)
REF: JEDEC MS-001
3.68 (.145)
2.92 (.115)
8.26 (.325)
7.62 (.300)
7.11 (.280)
6.10 (.240)
.356 (.014)
.558 (.022)
Surface Mount Wide Body (DW); 300 mil wide
1.27 (.050) BSC
7.60 (.299)
7.40 (.291)
10.65 (.419)
10.00 (.394)
D
0.32 (.013)
0.23 (.009)
1.27 (.050)
0.40 (.016)
REF: JEDEC MS-013
2.49 (.098)
2.24 (.088)
0.51 (.020)
0.33 (.013)
2.65 (.104)
2.35 (.093)
0.30 (.012)
0.10 (.004)
*Internally Fused Leads



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com