Electronic Components Datasheet Search
  English  ▼

X  

CS8141YN14 Datasheet(PDF) 6 Page - Cherry Semiconductor Corporation

Part # CS8141YN14
Description  5V, 500mA Linear Regulator with ENABLE, , and Watchdog RESET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8141YN14 Datasheet(HTML) 6 Page - Cherry Semiconductor Corporation

Back Button CS8141YN14 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8141YN14 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8141YN14 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8141YN14 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8141YN14 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS8141YN14 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS8141YN14 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS8141YN14 Datasheet HTML 9Page - Cherry Semiconductor Corporation CS8141YN14 Datasheet HTML 10Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Precision Voltage Reference
The regulated output voltage depends on the precision
band gap voltage reference in the IC. By adding an error
amplifier into the feedback loop , the output voltage is main-
tained within ±4% over temperature and supply variation.
Output Stage
The composite PNP-NPN output structure (Figure1) pro-
vides 500mA (min) of output current while maintaining a
low drop out voltage (1.25V) and drawing little quiescent
current (7mA).
Figure 1: Composite Output Stage of the CS8140/1
The NPN pass device prevents deep saturation of the out-
put stage which in turn improves the ICÕs efficiency by
preventing excess current from being used and dissipated
by the IC.
Output Stage Protection
The output stage is protected against overvoltage, short
circuit and thermal runaway conditions (Figure 2).
If the input voltage rises above 30V (e.g. load dump), the
output shuts down. This response protects the internal cir-
cuitry and enables the IC to survive unexpected voltage
transients.
Using an emitter sense scheme, the amount of current
through the NPN pass transistor is monitored. Feedback
circuitry insures that the output current never exceeds a
preset limit.
Figure 2: Typical Circuit Waveforms for Output Stage Protection.
Should the junction temperature of the power device
exceed 180ûC (typ), the power transistor is turned off.
Thermal shutdown is an effective means to prevent die
overheating since the power transistor is the principle heat
source in the IC.
The CS8140 differs from all other linear regulators in its
unique combination of control features.
Watchdog and ENABLE Functions
VOUT is controlled by the logic functions ENABLE and
Watchdog (Table 1).
Table 1: VOUT as a Function of ENABLE and Watchdog
WDI
ENABLE
Slow
Normal
Fast
High
Low
H
55
5
5
5
L
05
0
0
0
VOUT (V)
Regulator Control Functions
IO
VOUT
VIN
Load
Dump
Short
Circuit
Thermal
Shutdown
> 30V
VOUT
VIN
Voltage Reference and Output Circuitry
6
Dropout Voltage
The input-output voltage differential at which the circuit
ceases to regulate against further reduction in input volt-
age. Measured when the output voltage has dropped
100mV from the nominal value obtained at 14V input,
dropout voltage is dependent upon load current and junc-
tion temperature.
Input Voltage
The DC voltage applied to the input terminals with respect
to ground.
Line Regulation
The change in output voltage for a change in the input
voltage. The measurement is made under conditions of
low dissipation or by using pulse techniques such that the
average chip temperature is not significantly affected.
Load Regulation
The change in output voltage for a change in load current
at constant chip temperature.
Quiescent Current
The part of the positive input current that does not con-
tribute to the positive load current. The regulator ground
lead current.
Ripple Rejection
The ratio of the peak-to-peak input ripple voltage to the
peak-to-peak output ripple voltage.
Current Limit
Peak current that can be delivered to the output.
Definition of Terms
Circuit Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com