Electronic Components Datasheet Search
  English  ▼

X  

CS8141YN14 Datasheet(PDF) 7 Page - Cherry Semiconductor Corporation

Part # CS8141YN14
Description  5V, 500mA Linear Regulator with ENABLE, , and Watchdog RESET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8141YN14 Datasheet(HTML) 7 Page - Cherry Semiconductor Corporation

Back Button CS8141YN14 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8141YN14 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8141YN14 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8141YN14 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS8141YN14 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS8141YN14 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS8141YN14 Datasheet HTML 9Page - Cherry Semiconductor Corporation CS8141YN14 Datasheet HTML 10Page - Cherry Semiconductor Corporation CS8141YN14 Datasheet HTML 11Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Battery
Battery
VIN
ENABLE
WDI
RESET
VOUT 0V
0V
0V
POR
Normal Operation
WDI held High
Figure 3: Timing Diagrams for Watchdog and ENABLE Functions
3a: VOUT when Watchdog is held high and ENABLE = HIGH.
Battery
Battery
VIN
WDI
RESET
VOUT 0V
0V
0V
POR
Normal Operation
WDI held Low
ENABLE
3b: VOUT when Watchdog is held low and ENABLE = HIGH.
Battery
Battery
VIN
WDI
RESET
VOUT 0V
0V
0V
POR
Normal Operation
Slow WDI signal
ENABLE
3c: VOUT when Watchdog is too slow and ENABLE = HIGH.
Battery
Battery
VIN
WDI
RESET
VOUT 0V
0V
0V
POR
Normal Operation
Fast WDI signal
ENABLE
3d: VOUT when Watchdog is too fast and ENABLE = HIGH.
Battery
Battery
VIN
WDI
RESET
VOUT 0V
0V
0V
POR
Normal Operation
Sleep Mode
WDI
high
POR
Normal Operation
ENABLE
3e: WDI held high after a normal period of operation; ENABLE = LOW.
Battery
Battery
VIN
WDI
RESET
VOUT 0V
0V
0V
POR
Normal Operation
Sleep Mode
WDI
low
POR
Normal Operation
ENABLE
3f: WDI held low or is too slow after a normal period of operation; ENABLE = LOW.
Battery
Battery
VIN
WDI
RESET
VOUT 0V
0V
0V
POR
Normal Operation
Sleep Mode
POR
Normal Operation
ENABLE
3g: WDI frequency rises above the upper frequency threshold after a normal period of operation; ENABLE = LOW
(for the CS8140 only).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com