Electronic Components Datasheet Search
  English  ▼

X  

TC200 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # TC200
Description  EPITAXIAL PLANAR NPN TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TC200 Datasheet(HTML) 1 Page - Unisonic Technologies

  TC200 Datasheet HTML 1Page - Unisonic Technologies TC200 Datasheet HTML 2Page - Unisonic Technologies TC200 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
TC200
Preliminary
NPN EPITAXIAL SILICON TRANSISTOR
www.unisonic.com.tw
1 of 3
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R201-087.a
EPITAXIAL PLANAR NPN
TRANSISTOR
DESCRIPTION
The UTC TC200 is an epitaxial planar NPN transistor; it uses
UTC’s advanced technology to provide the customers with high DC
current gain and low collector-emitter saturation voltage, etc.
The UTC TC200 is suitable for general purpose and switching
application, etc.
FEATURES
* High DC current gain
* Low Collector-Emitter Saturation Voltage
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
TC200L-x-T92-B
TC200G-x-T92-B
TO-92
E
C
B
Tape Box
TC200L-x-T92-K
TC200G-x-T92-K
TO-92
E
C
B
Bulk
Note: Pin Assignment: C: Collector
B: Base
E: Emitter
TC200L-x-T92-B
(1)Packing Type
(2)Package Type
(3)Rank
(4)Halogen Free
(1) B: Tape Box, K: Bulk
(2) T92: TO-92
(3) refer to CLASSIFICATION OF hFE1
(4) L: Lead Free, G: Halogen Free


Similar Part No. - TC200

ManufacturerPart #DatasheetDescription
logo
Tripath Technology Inc.
TC2000 TRIPATH-TC2000 Datasheet
202Kb / 9P
STEREO CLASS-T??AUDIO CONTROLLER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
TC2001 TRIPATH-TC2001 Datasheet
666Kb / 34P
STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
logo
List of Unclassifed Man...
TC2002A ETC-TC2002A Datasheet
121Kb / 1P
EXTERNAL DIMENSIONS AND DISPLAY PATTERN
TC2002AL ETC-TC2002AL Datasheet
121Kb / 1P
EXTERNAL DIMENSIONS AND DISPLAY PATTERN
logo
MORNSUN Science& Techno...
TC200PW MORNSUN-TC200PW Datasheet
574Kb / 4P
Programmable Thermocouple isolators
More results

Similar Description - TC200

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
2SD1609 UTC-2SD1609 Datasheet
85Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
GMBT5551 ETC2-GMBT5551 Datasheet
175Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GMBTA42 ETC2-GMBTA42 Datasheet
194Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GBC847 GTM-GBC847 Datasheet
236Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GBC848 GTM-GBC848 Datasheet
221Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GESD1060 GTM-GESD1060 Datasheet
424Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
GI41C GTM-GI41C Datasheet
150Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GI122 GTM-GI122 Datasheet
161Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com