Electronic Components Datasheet Search
  English  ▼

X  

CS8371 Datasheet(PDF) 6 Page - Cherry Semiconductor Corporation

Part # CS8371
Description  8V/1A, 5V/250mA Dual Regulator with Independent Output Enables and NoCap
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8371 Datasheet(HTML) 6 Page - Cherry Semiconductor Corporation

  CS8371 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8371 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8371 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8371 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8371 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8371 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS8371 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS8371 Datasheet HTML 8Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
With separate control of each output channel, the CS8371
is ideal for applications where each load must be switched
independently. In an automotive radio, the 8V output
drives the displays and tape drive motors while the 5V
output supplies the Tuner IC and memory.
Stability Considerations/NoCapª
Normally a low dropout or quasi-low dropout regulator
(or any type requiring a slow lateral PNP in the control
loop) necessitates a large external compensation capacitor
at the output of the IC. The external capacitor is also used
to curtail overshoot, determine startup delay time and
load transient response.
Traditional LDO regulators typically have low unity gain
bandwidth, display overshoot and poor ripple rejection.
Compensation is also an issue because the high frequency
load capacitor value, ESR (Equivalent Series Resistance)
and board layout parasitics all can create oscillations if not
properly accounted for.
NoCapª is a Cherry Semiconductor exclusive output
stage which internally compensates the LDO regulator
over temperature, load and line variations without the
need for an expensive external capacitor. It incorporates
high gain (>80dB) and large unity gain bandwidth
(>100kHz) while maintaining many of the characteristics
of a single-pole amplifier (large phase margin and no
overshoot).
NoCapª is ideally suited for slow switching or steady
loads. If the load displays large transient current require-
ments, such as with high frequency microprocessors, an
output storage capacitor may be needed. Some large
capacitor and small capacitor ESR values at the output
may cause small signal oscillations at the output. This will
depend on the load conditions. With these types of loads,
a traditional output stage may be better suited for proper
operation.
Output 1 employs NoCapª. Refer to the plots in the
Typical Performance Characteristics section for appropri-
ate output capacitor selections for stability if an external
capacitor is required by the switching characteristics of the
load. Output 2 has a Darlington NPN-type output struc-
ture and is inherently stable with any type of capacitive
load or no capacitor at all.
Applications Circuit
Application Notes
CS8371
C1*
0.1
mF
ENABLE1
VIN
VOUT1
Gnd
VOUT2
8V
5V
Control
DISPLAY
Tuner IC
ENABLE2
*C1 is required if regulator is far from power source filter.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com