Electronic Components Datasheet Search
  English  ▼

X  

CS8371 Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

Part # CS8371
Description  8V/1A, 5V/250mA Dual Regulator with Independent Output Enables and NoCap
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8371 Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

  CS8371 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8371 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8371 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8371 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8371 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8371 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS8371 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS8371 Datasheet HTML 8Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Features
s
Two Regulated Outputs
8V ±5%, 1A
5V ±5%, 250mA
s
Independent ENABLE for
each Output
s
Separate Sense Feedback
Lead for 8V Output
s
<10µA Sleep Mode Current
s
Fault Protection
Overvoltage Shutdown
+45V Peak Transient
Voltage
Short Circuit
Thermal Shutdown
s
CMOS Compatible, Low-
Current ENABLE Inputs
Package Options
TO-220 7 Lead
Tab (Gnd)
8V/1A, 5V/250mA Dual Regulator with
Independent Output Enables and NoCapª
1
CS8371
Description
Pre-Regulator/
Bias Generator
Thermal
Shutdown
Trimmed Bandgap
Voltage Reference
ENABLE1
VCC
ENABLE2
Gnd
VOUT2
Sense
VOUT1
Overvoltage
Shutdown
Current Limit
VIA
Current Limit
1.2V
1.2V
Block Diagram
The CS8371 is a 8V/5V dual output
linear regulator. The 8V ±5% output
sources 1A, while the 5V ±5% out-
put sources 250mA. Each output is
controlled by its own ENABLE
lead. Setting the ENABLE input
high turns on the associated regula-
tor output. Holding both ENABLE
inputs low puts the IC into sleep
mode where current consumption
is less than 10µA.
The regulator is protected against
overvoltage, short-circuit and ther-
mal runaway conditions. The
device can withstand 45V load
dump transients making suitable
for use in automotive environ-
ments. CherryÕs proprietary
NoCapª solution is the first tech-
nology which allows the output to
be stable without the use of an
external capacitor.
The CS8371 is available in a 7 lead
TO-220 package with copper tab.
The tab can be connected to a
heatsink if necessary.
1 ENABLE1
2 ENABLE2
3VOUT2
4 Gnd
5 Sense
6VCC
7VOUT1
Rev. 6/9/99
Cherry Semiconductor Corporation
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885-3600 Fax: (401)885-5786
Email: info@cherry-semi.com
Web Site: www.cherry-semi.com
A
Company
¨
NoCap is a trademark of Cherry Semiconductor Corporation, and is patented.


Similar Part No. - CS8371

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS8371 ONSEMI-CS8371 Datasheet
98Kb / 11P
8.0 V/1.0 A, 5.0 V/250 mA Dual Regulator with Independent Output Enables and NOCAP
June, 2006 ??Rev. 12
CS8371 ONSEMI-CS8371 Datasheet
3Mb / 4P
AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
CS8371ET7 ONSEMI-CS8371ET7 Datasheet
98Kb / 11P
8.0 V/1.0 A, 5.0 V/250 mA Dual Regulator with Independent Output Enables and NOCAP
June, 2006 ??Rev. 12
CS8371ET7G ONSEMI-CS8371ET7G Datasheet
98Kb / 11P
8.0 V/1.0 A, 5.0 V/250 mA Dual Regulator with Independent Output Enables and NOCAP
June, 2006 ??Rev. 12
CS8371ETVA7 ONSEMI-CS8371ETVA7 Datasheet
98Kb / 11P
8.0 V/1.0 A, 5.0 V/250 mA Dual Regulator with Independent Output Enables and NOCAP
June, 2006 ??Rev. 12
More results

Similar Description - CS8371

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8121 CHERRY-CS8121 Datasheet
205Kb / 8P
5V, 1A Linear Regulator with and ENABLE RESET
Rev. 5/4/99
CS8164 CHERRY-CS8164 Datasheet
167Kb / 8P
8V/5V Low Dropout Dual Regulator with ENABLE
CS8281 CHERRY-CS8281 Datasheet
153Kb / 6P
5V/250mA, 5V/100mA Micropower Low Dropout Regulator with ENABLE
CS8391 CHERRY-CS8391 Datasheet
152Kb / 6P
5V/250mA, 5V/100mA Micropower Low Dropout Regulator with ENABLE
logo
STMicroelectronics
STV8131 STMICROELECTRONICS-STV8131 Datasheet
68Kb / 5P
5V AND 8V VOLTAGE REGULATOR
Sep-2003
logo
ON Semiconductor
CS8371 ONSEMI-CS8371 Datasheet
98Kb / 11P
8.0 V/1.0 A, 5.0 V/250 mA Dual Regulator with Independent Output Enables and NOCAP
June, 2006 ??Rev. 12
logo
KODENSHI_AUK CORP.
KKA8133A KODENSHI-KKA8133A Datasheet
101Kb / 4P
DUAL 5.1V 8V REGULATOR WITH DISABLE AND RESET
logo
ON Semiconductor
CS8164 ONSEMI-CS8164 Datasheet
83Kb / 8P
8V/5V Low Dropout Dual Regulator
December, 2001 - Rev. 4
logo
Murata Manufacturing Co...
MPD7K046S MURATA-MPD7K046S Datasheet
543Kb / 5P
12V main output and 5V,1A Aux output
logo
First Components Intern...
FGM78R05 FCI-FGM78R05 Datasheet
206Kb / 7P
1A / 5V Output low dropout voltage regulator;
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com