Electronic Components Datasheet Search
  English  ▼

X  

CS22230 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS22230
Description  WIRELESS PCI/USB CONTROLLER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS22230 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS22230 Datasheet HTML 3Page - Cirrus Logic CS22230 Datasheet HTML 4Page - Cirrus Logic CS22230 Datasheet HTML 5Page - Cirrus Logic CS22230 Datasheet HTML 6Page - Cirrus Logic CS22230 Datasheet HTML 7Page - Cirrus Logic CS22230 Datasheet HTML 8Page - Cirrus Logic CS22230 Datasheet HTML 9Page - Cirrus Logic CS22230 Datasheet HTML 10Page - Cirrus Logic CS22230 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
CS22230 Mini PCI / USB Wireless Controller
7 of 29
DS558PP1
Rev. 1.0
www.cirrus.com
3.4
Programmable Memory Controller
The
CS22230
incorporates
a
general-purpose
memory controller
that
supports
a
SDRAM/async SRAM memory and FLASH memory interface.
In the RAM configuration, the system memory interface supports up to 16-Mbyte of 16-bit
SDRAM running at a frequency up to 103 MHz single-state access cycles or 256KB of 16 bit
async SRAM. The Memory Controller provides programming of SDRAM parameters such as
CAS latency, refresh rate, etc; these registers are located in miscellaneous configuration
registers. When there are no pending memory requests from any internal requester, the
SWG2110 will keep Clock Enable (CKE) signal low to cause the SDRAM to stay in power
down mode. Once a memory request is active, the SWG2110 will assert CKE high to cause
the SDRAM to come out of power down mode. Typically, this can reduce memory power
consumption by up to 50%.
In ROM configuration, firmware for CS22230 is stored in non-volatile memory and is
accessed through the Boot ROM interface. The maximum addressable ROM space
supported is 1MB. ROM read/write and output enable are shared with RAM control pins. The
ROM can be re-flashed allowing for software upgrades.
3.5
Mini PCI Controller Interface
Embedded in the CS22230 is a Mini PCI 2.2 fully compliant master/target 32 bit data
interface including power management support (PME signal).
The communication buffer
logic was designed to be flexible and generic to both the PC Software and ARM firmware.
Mini PCI data transfer is supported by a DMA Control Block (DCB). The DCB is configured by
the ARM, allowing the ARM to control how often it is interrupted. Mini PCI data transfers are
done by the Mini PCI master, and the DCB, offloading CPU overhead.
3.6
USB Interface
Embedded within the CS22230 is a full speed USB 1.1 compliant device interface. The
device supports from 1 to 16 endpoints and is completely programmable via firmware
download or external EEPROM.
All “setup” commands are passed to the system processor for interpretation. The device also
contains a DMA engine to transfer arbitrary amounts of data to and from main memory before
interrupting the system processor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com