Electronic Components Datasheet Search
  English  ▼

X  

CS22230 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS22230
Description  WIRELESS PCI/USB CONTROLLER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS22230 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS22230 Datasheet HTML 18Page - Cirrus Logic CS22230 Datasheet HTML 19Page - Cirrus Logic CS22230 Datasheet HTML 20Page - Cirrus Logic CS22230 Datasheet HTML 21Page - Cirrus Logic CS22230 Datasheet HTML 22Page - Cirrus Logic CS22230 Datasheet HTML 23Page - Cirrus Logic CS22230 Datasheet HTML 24Page - Cirrus Logic CS22230 Datasheet HTML 25Page - Cirrus Logic CS22230 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
CS22230 Mini PCI / USB Wireless Controller
22 of 29
DS558PP1
Rev. 1.0
www.cirrus.com
5
Specifications
Table 3. Absolute Maximum Ratings
Symbol
Parameter
Limits
Units
VEE
Voltage at Core
1.62 to 2.0
V
VDD
DC Supply ( I/O)
-0.3 to 3.9
V
Vin (Mini PCI )
Mini PCI Voltage
-0.5 to 5.25
V
VIN
Input Voltage
-0.1 to Vdd + 0.33
V
IIN
DC Input Current
+/- 10
µA
XTALIN
Input frequency
1
0to 60
MHz
TSTGP
Storage Temperature
Range
-40 to 125
°C
Notes:
1.
The XTALIN & XTALOUT pins have minimal ESD protection.
2.
This device may have ESD sensitivity above 500V HBM per JESD22-A114. Normal ESD
precautions need to be followed.
Table 4. Recommended Operating Conditions
Symbol
Parameter
Limits
Units
VDD
Vcc
Vee
DC Supply
3.0to3.60(3V I/O)
4.5to5.5 (5V I/O)
1.6 to 2.0 (core)
V
XTALCLKIN
Input frequency
44 or 48
MHz
armclk
Internal ARM clock
frequency
44(4x11) to 77
MHz
memclk
Internal Memory clock
frequency
72 to 103
MHz
FTCK
JTAG clock frequency
0 to 10
MHz
TA
Ambient Temperature
0 to +70
°C
TJ
Junction Temperature
0 to +105
°C
Table 5. Capacitance
Symbol
Parameter
Value
Units
CIN
Input Capacitance
3.4
pF
COUT
Output Capacitance
4.0
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com