Electronic Components Datasheet Search
  English  ▼

X  

CS4201 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS4201
Description  CrystalClear Audio Codec 97 with headphone Amplifier
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4201 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS4201 Datasheet HTML 18Page - Cirrus Logic CS4201 Datasheet HTML 19Page - Cirrus Logic CS4201 Datasheet HTML 20Page - Cirrus Logic CS4201 Datasheet HTML 21Page - Cirrus Logic CS4201 Datasheet HTML 22Page - Cirrus Logic CS4201 Datasheet HTML 23Page - Cirrus Logic CS4201 Datasheet HTML 24Page - Cirrus Logic CS4201 Datasheet HTML 25Page - Cirrus Logic CS4201 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 68 page
background image
CS4201
22
DS483PP3
4. REGISTER INTERFACE
Reg
Register Name
D15 D14
D13
D12 D11 D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
00h Reset
0
SE4
SE3
SE2
SE1
SE0
0
ID8
ID7
0
0
ID4
0
0
0
0
1990h
02h Master Volume
Mute
0
ML5
ML4
ML3
ML2
ML1
ML0
0
0
MR5
MR4
MR3
MR2
MR1
MR0
8000h
04h Headphone Volume
Mute
0
ML5
ML4
ML3
ML2
ML1
ML0
0
0
MR5
MR4
MR3
MR2
MR1
MR0
8000h
06h Mono Volume
Mute
0
0
0
0
0
0
0
0
0
MM5
MM4
MM3
MM2
MM1
MM0
8000h
0Ah PC_BEEP Volume
Mute
0
0
0
0
0
0
0
0
0
0
PV3
PV2
PV1
PV0
0
0000h
0Ch Phone Volume
Mute
0
0
0
0
0
0
0
0
0
0
GN4
GN3
GN2
GN1
GN0
8008h
0Eh Mic Volume
Mute
0
0
0
0
0
0
0
0
20dB
0
GN4
GN3
GN2
GN1
GN0
8008h
10h Line In Volume
Mute
0
0
GL4
GL3
GL2
GL1
GL0
0
0
0
GR4
GR3
GR2
GR1
GR0
8808h
12h CD Volume
Mute
0
0
GL4
GL3
GL2
GL1
GL0
0
0
0
GR4
GR3
GR2
GR1
GR0
8808h
14h Video Volume
Mute
0
0
GL4
GL3
GL2
GL1
GL0
0
0
0
GR4
GR3
GR2
GR1
GR0
8808h
16h Aux Volume
Mute
0
0
GL4
GL3
GL2
GL1
GL0
0
0
0
GR4
GR3
GR2
GR1
GR0
8808h
18h PCM Out Volume
Mute
0
0
GL4
GL3
GL2
GL1
GL0
0
0
0
GR4
GR3
GR2
GR1
GR0
8808h
1Ah Record Select
0
0
0
0
0
SL2
SL1
SL0
0
0
0
0
0
SR2
SR1
SR0
0000h
1Ch Record Gain
Mute
0
0
0
GL3
GL2
GL1
GL0
0
0
0
0
GR3
GR2
GR1
GR0
8000h
20h General Purpose
POP
0
3D
0
0
0
MIX
MS
LPBK
00
0
0
0
0
0
0000h
22h 3D Control
0
0
0
0
0
0
0
0
0
0
0
0
S3
S2
S1
S0
0000h
26h Powerdown Ctrl/Stat
EAPD
PR6
PR5
PR4
PR3
PR2
PR1
PR0
0
0
0
0
REF
ANL
DAC
ADC
000Fh
28h Ext’d Audio ID
ID1
ID0
0
0
0
0
AMAP
00
0
0
0
0
0
0
VRA
x201h
2Ah Ext’d Audio Stat/Ctrl
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
VRA
0000h
2Ch PCM Front DAC Rate
SR15
SR14
SR13
SR12
SR11 SR10
SR9
SR8
SR7
SR6
SR5
SR4
SR3
SR2
SR1
SR0
BB80h
32h PCM L/R ADC Rate
SR15
SR14
SR13
SR12
SR11 SR10
SR9
SR8
SR7
SR6
SR5
SR4
SR3
SR2
SR1
SR0
BB80h
3Ch Ext’d Modem ID
ID1
ID0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
x000h
3Eh Ext’d Modem Stat/Ctrl
0
0
0
0
0
0
0
PRA
0
0
0
0
0
0
0
GPIO
0100h
4Ch GPIO Pin Config.
0
0
0
0
0
0
0
0
0
0
0
0
0
0
GC1
GC0
0003h
4Eh GPIO Pin Polarity/Type
1
1
1
1
1
1
1
1
1
1
1
1
1
1
GP1
GP0
FFFFh
50h GPIO Pin Sticky
0
0
0
0
0
0
0
0
0
0
0
0
0
0
GS1
GS0
0000h
52h GPIO Pin Wakeup Mask
0
0
0
0
0
0
0
0
0
0
0
0
0
0
GW1
GW0
0000h
54h GPIO Pin Status
0
0
0
0
0
0
0
0
0
0
0
0
0
0
GI1
GI0
0000h
Cirrus Logic Defined Registers:
5Eh AC Mode Control
0
0
0
0
ASPM
0
0
DDM AMAP SPAS
SM1
SM0
0
0
0
0
0080h
60h Misc. Crystal Control
0
0
0
DPC
0
0
Reserved
10dB CRST
Reserved
GPOC
Reserved
0
0002h
68h S/PDIF Control
SPEN
Val
0
Fs
L
CC6
CC5
CC4
CC3
CC2
CC1
CC0
Emph
Copy
/Audio
Pro
0000h
6Ah Serial Port Control
SDEN
0
0
0
0
0
0
0
0
0
0
0
SDO2
SDSC
SDF1
SDF0
0000h
7Ch Vendor ID1
F7
F6F5F4
F3
F2
F1
F0
S7
S6
S5
S4
S3
S2
S1
S0
4352h
7Eh Vendor ID2
T7
T6
T5
T4
T3
T2
T1
T0
0
DID2
DID1
DID0
1
REV2
REV1
REV0
5949h
Table 1. Register Overview for the CS4201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com