Electronic Components Datasheet Search
  English  ▼

X  

CS4201 Datasheet(PDF) 39 Page - Cirrus Logic

Part # CS4201
Description  CrystalClear Audio Codec 97 with headphone Amplifier
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4201 Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CS4201 Datasheet HTML 35Page - Cirrus Logic CS4201 Datasheet HTML 36Page - Cirrus Logic CS4201 Datasheet HTML 37Page - Cirrus Logic CS4201 Datasheet HTML 38Page - Cirrus Logic CS4201 Datasheet HTML 39Page - Cirrus Logic CS4201 Datasheet HTML 40Page - Cirrus Logic CS4201 Datasheet HTML 41Page - Cirrus Logic CS4201 Datasheet HTML 42Page - Cirrus Logic CS4201 Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 68 page
background image
CS4201
DS483PP3
39
4.27
Vendor ID1 Register (Index 7Ch)
F[7:0]
First Character of Vendor ID. With a value of F[7:0] = 43h, these bits define the ASCII ‘C’ char-
acter.
S[7:0]
Second Character of Vendor ID. With a value of S[7:0] = 52h, these bits define the ASCII ‘R’
character.
Default
4352h. This register contains read-only data.
4.28
Vendor ID2 Register (Index 7Eh)
T[7:0]
Third Character of Vendor ID. With a value of T[7:0] = 59h, these bits define the ASCII ‘Y’
character.
DID[2:0]
Device ID. With a value of DID[2:0] = 100, these bits specify the audio codec is a CS4201.
REV[2:0]
Revision. With a value of REV[2:0] = 001, these bits specify the audio codec revision is ‘A’.
Default
594xh. This register contains read-only data.
The two Vendor ID registers provide a means to determine the manufacturer of the AC ’97 audio codec. The first
three bytes of the Vendor ID registers contain the ASCII code for the first three letters of Crystal (CRY). The final
byte of the Vendor ID registers is divided into a Device ID field and a Revision field. Table 12 lists the currently de-
fined Device ID’s.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
F7
F6
F5
F4
F3
F2
F1
F0
S7
S6
S5
S4
S3
S2
S1
S0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
T7
T6
T5
T4
T3
T2
T1
T0
0
DID2
DID1
DID0
1
REV2 REV1 REV0
DID2-DID0
Part Name
000
CS4297
001
CS4297A
010
CS4294/CS4298
011
CS4299
100
CS4201
101
CS4205
110
CS4291
Table 12. Device ID with Corresponding Part Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com