Electronic Components Datasheet Search
  English  ▼

X  

CS4202 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS4202
Description  Audio Codec 97 with headphone Amplifier
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4202 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS4202 Datasheet HTML 9Page - Cirrus Logic CS4202 Datasheet HTML 10Page - Cirrus Logic CS4202 Datasheet HTML 11Page - Cirrus Logic CS4202 Datasheet HTML 12Page - Cirrus Logic CS4202 Datasheet HTML 13Page - Cirrus Logic CS4202 Datasheet HTML 14Page - Cirrus Logic CS4202 Datasheet HTML 15Page - Cirrus Logic CS4202 Datasheet HTML 16Page - Cirrus Logic CS4202 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
CS4202
DS549PP1
13
2.2
Control Registers
The CS4202 contains a set of AC ’97 compliant
control registers, and a set of Cirrus Logic defined
control registers. These registers control the basic
functions and features of the CS4202. Read access-
es of the control registers by the AC ’97 controller
are accomplished with the requested register index
in Slot 1 of a SDATA_OUT frame. The following
SDATA_IN frame will contain the read data in Slot
2. Write operations are similar, with the register in-
dex in Slot 1 and the write data in Slot 2 of a
SDATA_OUT frame. The function of each input
and output frame is detailed in Section 3, AC-Link
Frame Definition. Individual register descriptions
are found in Section 4, Register Interface.
2.3
Sample Rate Converters
The sample rate converters (SRC) provide high ac-
curacy digital filters supporting sample frequencies
other than 48 kHz to be captured from the CS4202
or played from the controller. AC ’97 requires sup-
port for two audio rates (44.1 and 48 kHz). In addi-
tion, the Intel® I/O Controller Hub (ICHx)
specification [9] requires support for five more au-
dio rates (8, 11.025, 16, 22.05, and 32 kHz). The
CS4202 supports all these rates, as shown in
Table 10 on page 32.
2.4
Mixers
The CS4202 input and output mixers are illustrated
in Figure 8. The stereo input mixer sums together
the analog inputs to the CS4202 according to the
settings in the volume control registers. The stereo
output mixer sums the output of the stereo input
mixer with the PC_BEEP and PHONE signals. The
stereo output mix is then sent to the LINE_OUT
and HP_OUT pins of the CS4202. The mono out-
put mixer generates a monophonic sum of the left
and right audio channels from the stereo input mix-
er. The mono output mix is then sent to the
MONO_OUT pin on the CS4202.
2.5
Input Mux
The input multiplexer controls which analog input
is sent to the ADCs. The output of the input mux is
converted to stereo 18-bit digital PCM data and
transmitted to the controller by means of the
AC-link SDATA_IN signal.
2.6
Volume Control
The CS4202 volume registers control analog input
levels to the input mixer and analog output levels,
including the master volume level. The PC_BEEP
volume control uses 3 dB steps with a range of 0 dB
to -45 dB attenuation. All other analog volume con-
trols use 1.5 dB steps. The analog inputs have a
mixing range of +12 dB signal gain to -34.5 dB sig-
nal attenuation. The analog output volume controls
have a range of 0 dB to -46.5 dB attenuation for
LINE_OUT, HP_OUT and MONO_OUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com