Electronic Components Datasheet Search
  English  ▼

X  

CS4202 Datasheet(PDF) 49 Page - Cirrus Logic

Part # CS4202
Description  Audio Codec 97 with headphone Amplifier
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4202 Datasheet(HTML) 49 Page - Cirrus Logic

Back Button CS4202 Datasheet HTML 45Page - Cirrus Logic CS4202 Datasheet HTML 46Page - Cirrus Logic CS4202 Datasheet HTML 47Page - Cirrus Logic CS4202 Datasheet HTML 48Page - Cirrus Logic CS4202 Datasheet HTML 49Page - Cirrus Logic CS4202 Datasheet HTML 50Page - Cirrus Logic CS4202 Datasheet HTML 51Page - Cirrus Logic CS4202 Datasheet HTML 52Page - Cirrus Logic CS4202 Datasheet HTML 53Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 68 page
background image
CS4202
DS549PP1
49
22 pF
22 pF
24.576 MHz
DGND
XTL_OUT
XTL_IN
Figure 17. External Crystal
External
Clock on
XTL_IN
ID1# ID0#
AC-Link
Timing
Mode
Codec
ID
Clock
Source
Clock
Rate
(MHz)
PLL
Active
Application Notes
Yes
1
1
Primary
0
External
24.576
No
clock generator driving XTL_IN
Yes
1
0
Primary
0
External
14.31818
Yes
external clock source driving XTL_IN
loop filter connected to XTL_OUT
Yes
0
1
Primary
0
External
27.000
Yes
Yes
0
0
Primary
0
External
48.000
Yes
No
1
1
Primary
0
XTAL
24.576
No
crystal connected to XTL_IN, XTL_OUT
No
1
0
Secondary
1
BIT_CLK
12.288
No
BIT_CLK from primary codec driving
BIT_CLK on all secondary codecs
No
0
1
Secondary
2
BIT_CLK
12.288
No
No
0
0
Secondary
3
BIT_CLK
12.288
No
Table 18. Clocking Configurations for the CS4202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com