Electronic Components Datasheet Search
  English  ▼

X  

CS4218 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS4218
Description  16-Bit Stereo Audio Codec
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4218 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS4218 Datasheet HTML 14Page - Cirrus Logic CS4218 Datasheet HTML 15Page - Cirrus Logic CS4218 Datasheet HTML 16Page - Cirrus Logic CS4218 Datasheet HTML 17Page - Cirrus Logic CS4218 Datasheet HTML 18Page - Cirrus Logic CS4218 Datasheet HTML 19Page - Cirrus Logic CS4218 Datasheet HTML 20Page - Cirrus Logic CS4218 Datasheet HTML 21Page - Cirrus Logic CS4218 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
Master Sub-Mode (SM3-M)
Master su b- mod e is selected by sett in g
MF4:MA = 1, which configures SSYNC and
SCLK as outputs from the CS4218. During
power down, SSYNC and SCLK are driven high
impedance, and during reset they both are driven
low. In Master sub-mode the number of bits per
frame determines how many codecs can occupy
the serial bus and is illustrated in Figure 14.
Bits Per Frame (Master Sub-Modes)
MF8:SFS2 selects the number of bits per frame.
The two options are MF8:SFS2 = 1 which se-
lects 128 bits per frame, and MF8:SFS2 = 0
which selects 64 bits per frame.
Selecting 128 bits per frame (MF8:SFS2 = 1) al-
lows two CS4218s to operate from the same
serial bus since each codec requires 64 bit peri-
ods. The sub-frame used by an individual codec
is selected using MF7:SFS1. MF7:SFS1 = 0 se-
lects sub-frame 1 which is the first 64 bits
following the SSYNC pulse. MF7:SFS1 = 1 se-
lects sub-frame 2 which is the last 64 bits of the
frame.
Selecting 64 bits per frame (MF8:SFS2 = 0) al-
lows only one CS4218 to occupy the serial port.
Since there is only one sub-frame (which is
equal to one frame), MF7:SFS1 is defined differ-
ently in this mode. MF7:SFS1 selects the format
of SSYNC. MF7:SFS1 = 0 selects an SSYNC
pulse one SCLK period high, directly preceding
the data as shown in the center portion of Fig-
ure 14. This format is used for all other master
and slave sub-modes in SM3. If MF7:SFS1 = 1,
an alternate SSYNC format is chosen in which
SSYNC is high during the entire Word A
(32 bits), which includes the left sample, and
low for the entire Word B (32 bits), which in-
cludes the right sample. This alternate format for
SSYNC is illustrated in the bottom portion of
Figure 14 and is only available in SM3-M and
SM3-MM sub-modes with 64 bits per frame. A
more detailed timing diagram for the 64 bits-per-
frame master sub-modes is shown in Figure 15.
Sample Frequency Selection (Master
Sub-Modes)
In SM3-M and SM3-MM sub-modes, the multi-
function pins MF1:F1, MF2:F2, and MF3:F3 are
used to select the sample frequency divider. Ta-
ble 3 lists the decoding for the sample frequency
select pins where the sample frequency selected
is CLKIN/N. Also shown are the sample fre-
quencies obtained by using one of two example
ma ster clo ck s : either 12.288 MHz or
11.2896 MHz. Changing sample frequency auto-
matically initiates a calibration cycle.
Fs (kHz)
MF1:
MF2:
MF3:
N
with CLKIN
or 16xCLKIN
F1
F2
F3
12.288
11.2896
MHz
MHz
0
0
0
256
48.00
44.10
0
0
1
384
32.00
29.40
0
1
0
512
24.00
22.05
0
1
1
640
19.20
17.64
1
0
0
768
16.00
14.70
1
0
1
1024
12.00
11.025
1
1
0
1280
9.60
8.82
1
1
1
1536
8.00
7.35
Table 3. SM3-M/SM3-MM/SM5, Fs Select
CS4218
18
DS135F1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com