Electronic Components Datasheet Search
  English  ▼

X  

CS4218 Datasheet(PDF) 26 Page - Cirrus Logic

Part # CS4218
Description  16-Bit Stereo Audio Codec
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4218 Datasheet(HTML) 26 Page - Cirrus Logic

Back Button CS4218 Datasheet HTML 22Page - Cirrus Logic CS4218 Datasheet HTML 23Page - Cirrus Logic CS4218 Datasheet HTML 24Page - Cirrus Logic CS4218 Datasheet HTML 25Page - Cirrus Logic CS4218 Datasheet HTML 26Page - Cirrus Logic CS4218 Datasheet HTML 27Page - Cirrus Logic CS4218 Datasheet HTML 28Page - Cirrus Logic CS4218 Datasheet HTML 29Page - Cirrus Logic CS4218 Datasheet HTML 30Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
Power Supply and Grounding
The CS4218, along with associated analog cir-
cuitry, should be positioned in an isolated section
of the circuit board, and have its own, separate,
ground plane. On the CS4218, the analog and
digital grounds are internally connected; there-
fore, the AGND and DGND pins must be
externally connected with no impedance between
them. The best solution is to place the entire
chip on a solid ground plane as shown in Fig-
ure 23. Preferably, it should also have its own
power plane. The +5V (or +3.3V) supply must
be connected to the CS4218 via a ferrite bead,
positioned closer than 1" to the device. If using
+5V for VD, the VA supply can be derived from
VD, as shown in Figure 8. Alternatively, a sepa-
rate +5V analog supply may be used for VA, in
which case, the 2.0
Ω resistor between VA and
VD should be removed. A single connection be-
tween the CS4218 ground (analog ground) and
the board digital ground should be positioned as
shown in Figure 23.
Figure 24 illustrates the optimum ground and de-
coupling layout for the CS4218 assuming a
surface-mount socket and leaded decoupling ca-
pacitors. Surface-mount sockets are useful since
the pad locations are identical to the chip pads;
therefore, assuming space for the socket is left
on the board, the socket can be optional for pro-
duction. Figure 24 depicts the top layer,
containing signal traces, and assumes the bottom
or inter-layer contains a fairly solid ground
plane. The important points are that there is solid
ground plane under the codec on the same layer
as the codec and it connects all ground pins with
thick traces providing the absolute lowest imped-
ance between ground pins. The decoupling
capacitors are placed as close as possible to the
device which, in this case, is the socket bound-
ary. The lowest value capacitor is placed closest
to the codec. Vias are placed near the AGND
and DGND pins, under the IC, and should attach
to the solid ground plane on another layer. The
negative side of the decoupling capacitors should
also attach to the same solid ground plane.
Traces and vias bringing power to the codec
should be large, which minimizes the impedance.
Although not shown in the figures, the trace lay-
ers (top layer in the figures) should have ground
plane fill in-between the traces to minimize cou-
pling into the analog section.
If using all surface-mount components, the de-
coupling capacitors should be placed on the
same layer as the codec and in the positions
shown in Figure 25. The vias shown are as-
sumed to attach to the appropriate power and
ground layers. Traces and vias bringing power to
the codec should be as large as possible to mini-
mize the impedance.
If using a through-hole socket, effort should be
made to find a socket with minimum height,
which will minimize the socket impedance.
When using a through hole socket, the vias un-
der the codec in Figure 24 and 25 are not needed
since the pins serve the same function.
CS4218
26
DS135F1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com