Electronic Components Datasheet Search
  English  ▼

X  

LB240DS01 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LB240DS01
Description  240MHz SAW Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LB240DS01 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LB240DS01 Datasheet HTML 1Page - SIPAT Co,Ltd LB240DS01 Datasheet HTML 2Page - SIPAT Co,Ltd LB240DS01 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LB240DS01
Rev. Date
2005-6-27
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
4.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
240MHz SAW Filter
30MHz Bandwidth
Part Number: LB240DS01
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
240
Insertion Loss
dB
15.1
16
1 dB Bandwidth
MHz
30
32.15
3 dB Bandwidth
MHz
34.34
40 dB Bandwidth
MHz
44.54
65
Passband Variation
dB
0.9
2
Ultimate Rejection(f0±35MHz)
dB
35
38
Group Delay Variation
nsec
60
Subatrate Material
YZ
Ambient Temperature
°C
25
Package Size
SMD0705A
(7x5x1.6mm
3)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
L1=27+27nH
L2=22+18nH
C1=15pF
C2=18pF
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.
L2
L1
C1
C2


Similar Part No. - LB240DS01

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LB240DS01 SIPAT-LB240DS01 Datasheet
147Kb / 3P
240MHz SAW Filter 30MHz Bandwidth
More results

Similar Description - LB240DS01

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LB240DS01 SIPAT-LB240DS01 Datasheet
147Kb / 3P
240MHz SAW Filter 30MHz Bandwidth
LBS24001 SIPAT-LBS24001 Datasheet
140Kb / 3P
240MHz SAW Filter 4MHz Bandwidth
LBT24004 SIPAT-LBT24004 Datasheet
140Kb / 3P
240MHz SAW Filter 19MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TB0341A TAI-SAW-TB0341A Datasheet
481Kb / 6P
SAW IF Filter 240MHz
logo
SIPAT Co,Ltd
LBS24001 SIPAT-LBS24001 Datasheet
146Kb / 3P
240MHz SAW Filter 4MHz Bandwidth
LBT24003 SIPAT-LBT24003 Datasheet
145Kb / 3P
240MHz SAW Filter 14MHz Bandwidth
LBT24004 SIPAT-LBT24004 Datasheet
146Kb / 3P
240MHz SAW Filter 19MHz Bandwidth
logo
Golledge Electronics Lt...
MP03312 GOLLEDGE-MP03312 Datasheet
145Kb / 5P
SAW Filter 240MHz
MA09923 GOLLEDGE-MA09923 Datasheet
95Kb / 5P
SAW Filter 240MHz
MP02165 GOLLEDGE-MP02165 Datasheet
120Kb / 5P
SAW Filter 240MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com