Electronic Components Datasheet Search
  English  ▼

X  

LB240DS01 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LB240DS01
Description  240MHz SAW Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LB240DS01 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LB240DS01 Datasheet HTML 1Page - SIPAT Co,Ltd LB240DS01 Datasheet HTML 2Page - SIPAT Co,Ltd LB240DS01 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LB240DS01
Rev. Date
2005-6-27
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
4.0
Page 3/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
240MHz SAW Filter
30MHz Bandwidth
Part Number: LB240DS01
Typical Performance
Frequency Respond
Passband Respond
180
195
210
225
240
255
270
285
300
-92.7895
-82.7895
-72.7895
-62.7895
-52.7895
-42.7895
-32.7895
-22.7895
1.9
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
x 10
8
-17
-16
-15
-14
-13
-12
-11
-10
-9
-8
f scale=10MHz
Wideband Respond
Group delay variation(f0±15MHz)
200.9
400.8
600.7
800.6
1000.5
1200.4
1400.3
1600.2
1800.1
-93.3244
-83.3244
-73.3244
-63.3244
-53.3244
-43.3244
-33.3244
-23.3244
-13.3244
VSWR S11
VSWR S22



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com