Electronic Components Datasheet Search
  English  ▼

X  

CDB4215 Datasheet(PDF) 39 Page - Cirrus Logic

Part # CDB4215
Description  16-Bit Multimedia Audio Codec
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4215 Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CDB4215 Datasheet HTML 35Page - Cirrus Logic CDB4215 Datasheet HTML 36Page - Cirrus Logic CDB4215 Datasheet HTML 37Page - Cirrus Logic CDB4215 Datasheet HTML 38Page - Cirrus Logic CDB4215 Datasheet HTML 39Page - Cirrus Logic CDB4215 Datasheet HTML 40Page - Cirrus Logic CDB4215 Datasheet HTML 41Page - Cirrus Logic CDB4215 Datasheet HTML 42Page - Cirrus Logic CDB4215 Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
Features
•• Easy DSP Hook-Up
•• Correct Grounding and Layout
•• Microphone Pre-Amplifier
•• Line Input Buffer
•• Digital Patch Area
General Description
The CDB4215 evaluation board allows easy evaluation
of the CS4215 audio multimedia codec. Analog inputs
provided include two
1/4" microphone jacks and two
BNC line inputs. Analog outputs provided are two BNC
line outputs, one stereo
1/4" headphone jack and one
pair of speaker terminals.
Digital interfacing is facilitated by two buffered ribbon
cable headers. One contains the serial port and the
other contains the codec control pins.
ORDERING INFORMATION: CDB4215
JUL ’93
DS76DB3
39
Crystal Semiconductor Corporation
P.O. Box 17847, Austin, TX 78760
(512) 445 7222 Fax: (512) 445 7581
CS4215 Evaluation Board
Semiconductor Corporation
CDB4215
Copyright
© Crystal Semiconductor Corporation 1992
(All Rights Reserved)
CS4215
+5VA
Digital
I/O
Buffers
PIO
Indicators
Digital
Patch
Area
Line Inputs
Microphone
Jacks
Line Outputs
Headphone
Jack
Speaker
Terminals
CLKOUT
AGND
+5VD
DGND
CLKIN
A = 23 dB
A = - 6 dB
Serial
Port
Header
Control
Pin
Header



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com