Electronic Components Datasheet Search
  English  ▼

X  

CDB4215 Datasheet(PDF) 41 Page - Cirrus Logic

Part # CDB4215
Description  16-Bit Multimedia Audio Codec
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4215 Datasheet(HTML) 41 Page - Cirrus Logic

Back Button CDB4215 Datasheet HTML 37Page - Cirrus Logic CDB4215 Datasheet HTML 38Page - Cirrus Logic CDB4215 Datasheet HTML 39Page - Cirrus Logic CDB4215 Datasheet HTML 40Page - Cirrus Logic CDB4215 Datasheet HTML 41Page - Cirrus Logic CDB4215 Datasheet HTML 42Page - Cirrus Logic CDB4215 Datasheet HTML 43Page - Cirrus Logic CDB4215 Datasheet HTML 44Page - Cirrus Logic CDB4215 Datasheet HTML 45Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
VA1
VA2
VD1 VD2
28
27
MOUT1
MOUT2
HEADR
HEADL
HEADC
Headphones
31
29
30
39 k
39 k
LOUTR
LOUTL
33
32
22
25
2
AGND1 AGND2
DGND1
1/2W
1/2W
16
16
600
600
0.0022 uF
NPO
0.0022 uF
NPO
CS4215
U1
XTL2OUT
XTL2IN
XTL1IN
XTL1OUT
40pF
40pF
40pF
40pF
10
11
6
7
16.9344 MHz
24.576 MHz
C22
C23
C24
C25
CLKIN
4
9
DGND2
22 uF
+
R51
50 k
R52
50 k
C34
22 uF
+
MOUT1
MOUT2
R21
R20
1 uF
1 uF
C29
C28
R24
R25
C27
C26
LOUTR
LOUTL
R26
R27
MINR
MINL
LINR
CMOUT
LINL
15
17
16
19
18
Microphone
Input Buffer
See Figure 3
Line Input
Buffer
See Figure 2
Y2
Y1
C16
0.1 uF
C21
C20
21
VREF
0.1 uF
1 uF
0.1 uF
+
23
24
38
1 uF
+
Ferrite Bead
0.1 uF
47 uF
+
C32
C30
+5VA
+5VD
C11
C12
C13
C14
0.1 uF
47 uF +
C33
C31
R28
D1
P6KE
D2
P6KE
L1
VA
2
DGND
AGND
VD
10 uF
+
See Fig 5
+
+
Figure 1. CS4215 & Power Supplies
CDB4215
DS76DB3
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com