Electronic Components Datasheet Search
  English  ▼

X  

CS4220 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS4220
Description  24-Bit Stereo Audio Codec with 3V Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4220 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS4220 Datasheet HTML 14Page - Cirrus Logic CS4220 Datasheet HTML 15Page - Cirrus Logic CS4220 Datasheet HTML 16Page - Cirrus Logic CS4220 Datasheet HTML 17Page - Cirrus Logic CS4220 Datasheet HTML 18Page - Cirrus Logic CS4220 Datasheet HTML 19Page - Cirrus Logic CS4220 Datasheet HTML 20Page - Cirrus Logic CS4220 Datasheet HTML 21Page - Cirrus Logic CS4220 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
CS4220 CS4221
18
DS284PP3
6. PIN DESCRIPTIONS — CS4220
1
2
3
4
5
6
7
821
22
23
24
25
26
27
28
NC
RST
AOUTL-
AOUTL+
AOUTR+
AOUTR-
AGND
VA
SDOUT
DGND
VD
SCLK
LRCK
XTI
XTO
NC
9
10
11
12
17
18
19
20
AINL+
AINL-
DEM1
AINR+
DEM0
DIF0
DIF1
SDIN
13
14
15
16
AINR-
NC
NC
VL
CS4220
1
2
3
4
5
6
7
821
22
23
24
25
26
27
28
NC
RST
AOUTL-
AOUTL+
AOUTR+
AOUTR-
AGND
VA
SDOUT
DGND
VD
SCLK
LRCK
XTI
XTO
NC
9
10
11
12
17
18
19
20
AINL+
AINL-
DEM1
AINR+
DEM0
DIF0
DIF1
SDIN
13
14
15
16
AINR-
NC
NC
VL
CS4220
NC
1,14,15, 28 No Connect - These pins are not connected internally and should be tied to DGND to mini-
mize noise coupling.
XTI, XTO
2,3
Crystal Connections (
Input/Output) - Input and output connections for the crystal used to
clock the CS4220. Alternatively, a clock may be input into XTI. This is the clock source for the
delta-sigma modulator and digital filters. The frequency of this clock must be either 256x, 384x,
or 512x Fs in Slave Mode and 256x in Master Mode.
LRCK
4
Left/Right Clock (
Input) - Determines which channel is currently being input/output of the
serial audio data pins SDIN/SDOUT. The frequency of the Left/Right clock must be equal to the
input sample rate. Although the outputs for each ADC channel are transmitted at different
times, Left/Right pairs represent simultaneously sampled analog inputs. The required relation-
ship between the left/right clock, serial clock and serial data is defined by the DIF1-0 pins. The
options are detailed in Figures 8 - 11.
SCLK
5
Serial Data Clock (
Input) - Clocks the individual bits of the serial data into the SDIN pin and
out of the SDOUT pin. The required relationship between the left/right clock, serial clock and
serial data is defined by the DIF1-0 pins. The options are detailed in Figures 8 - 11.
VD
6
Digital Power (
Input) - Positive power supply for the digital section. Typically 5.0 VDC.
DGND
7
Digital Ground (
Input) - Digital ground for the digital section.
SDOUT
8
Serial Data Output (
Output) - Two’s complement MSB-first serial data is output on this pin.
The required relationship between the left/right clock, serial clock and serial data is defined by
the DIF1-0 pins. The options are detailed in Figures 8 - 11.
SDIN
9
Serial Data Input (
Input) - Two’s complement MSB-first serial data is input on this pin. The
required relationship between the left/right clock, serial clock and serial data is defined by the
DIF1-0 pins. The options are detailed in Figures 8 - 11.
Fs (kHz)
XTI (MHz)
256x
384x
512x
32
8.1920
12.2880
16.3840
44.1
11.2896
16.9344
22.5792
48
12.2880
18.4320
24.5760
Table 2. Common Clock Frequencies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com