Electronic Components Datasheet Search
  English  ▼

X  

CS4235 Datasheet(PDF) 39 Page - Cirrus Logic

Part # CS4235
Description  CrystalClear Low Cost ISA Audio System
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4235 Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CS4235 Datasheet HTML 35Page - Cirrus Logic CS4235 Datasheet HTML 36Page - Cirrus Logic CS4235 Datasheet HTML 37Page - Cirrus Logic CS4235 Datasheet HTML 38Page - Cirrus Logic CS4235 Datasheet HTML 39Page - Cirrus Logic CS4235 Datasheet HTML 40Page - Cirrus Logic CS4235 Datasheet HTML 41Page - Cirrus Logic CS4235 Datasheet HTML 42Page - Cirrus Logic CS4235 Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 94 page
background image
Playback Upper Base (I14)
Default = 00000000
D7
D6
D5
D4
D3
D2
D1
D0
PUB7
PUB6
PUB5
PUB4
PUB3
PUB2
PUB1
PUB0
PUB7-PUB0
Playback Upper Base: This register is
the upper byte which represents the
8 most significant bits of the 16-bit
Playback Base register. Reads from
this register return the same value
which was written. The Current
Count registers cannot be read.
When set for MODE 1 or SDC, this
register is used for both the Play-
back and Capture Base registers.
Playback Lower Base (I15)
Default = 00000000
D7
D6
D5
D4
D3
D2
D1
D0
PLB7
PLB6
PLB5
PLB4
PLB3
PLB2
PLB1
PLB0
PLB7-PLB0
Lower Base Bits: This register is the
lower byte which represents the 8
least significant bits of the 16-bit
Playback Base register. Reads from
this register return the same value
which was written. When set for
MODE 1 or SDC, this register is
used for both the Playback and Cap-
ture Base registers.
Alternate Feature Enable I (I16)
Default = 0000eee0
D7
D6
D5
D4
D3
D2
D1
D0
rbc
res
CMCE PMCE
SF1
SF0
SPE
DACZ
DACZ
DAC Zero: This bit will force the out-
put of the playback channel to AC
zero when an underrun error occurs
1 - Go to center scale
0 - Hold previous valid sample
SPE
DSP Serial Port Enable. When
set, audio data from the ADCs is
sent out SDOUT and audio data
from SDIN is sent to the DACs.
MCE in R0 must be set to change
this bit. This bit is initialized through
the Hardware Configuration data.
1 - Enable serial port
0 - Disable serial port.
SF1,SF0
DSP Serial Format. Selects the
format of the serial port when en-
abled by SPE. MCE in R0 must be
set to change these bits. These bits
are initialized through the Hardware
Configuration data.
0 - 64-bit enhanced. Figure 6.
1 - 64-bit. Figure 7.
2 - 32-bit. Figure 8.
3 - ADC/DAC. Figure 9.
PMCE
Playback Mode Change Enable.
When set, it allows modification of
the stereo/mono and audio data for-
mat bits (D7-D4) for the playback
channel, I8. MCE in R0 must be
used to change the sample fre-
quency.
CMCE
Capture Mode Change Enable.
When set, it allows modification of
the stereo/mono and audio data for-
mat bits (D7-D4) for the capture
channel, I28. MCE in R0 must be
used to change the sample fre-
quency in I8.
Alternate Feature Enable II (I17)
Default = 0000x000
D7
D6
D5
D4
D3
D2
D1
D0
TEST
TEST
TEST
TEST
rbc
res
rbc
HPF
HPF
High Pass Filter: This bit enables a
DC-blocking high-pass filter in the
digital filter of the ADC. This filter
forces the ADC offset to 0.
0 - disabled
1 - enabled
TEST
Factory Test. These bits are used for
factory testing and must remain at 0
for normal operation.
DS252PP2
CS4235
CrystalClear
Low Cost ISA Audio System
TM
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com