Electronic Components Datasheet Search
  English  ▼

X  

CS4235 Datasheet(PDF) 49 Page - Cirrus Logic

Part # CS4235
Description  CrystalClear Low Cost ISA Audio System
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4235 Datasheet(HTML) 49 Page - Cirrus Logic

Back Button CS4235 Datasheet HTML 45Page - Cirrus Logic CS4235 Datasheet HTML 46Page - Cirrus Logic CS4235 Datasheet HTML 47Page - Cirrus Logic CS4235 Datasheet HTML 48Page - Cirrus Logic CS4235 Datasheet HTML 49Page - Cirrus Logic CS4235 Datasheet HTML 50Page - Cirrus Logic CS4235 Datasheet HTML 51Page - Cirrus Logic CS4235 Datasheet HTML 52Page - Cirrus Logic CS4235 Datasheet HTML 53Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 94 page
background image
LD1IM
Left DAC1 Input Mixer Mute.
When set to 1, the output from the
Left DAC1 is muted to the Left input
mixer. See Figure 4.
Independent ADC Fs (X12)
Default = xxxxxxxx
D7
D6
D5
D4
D3
D2
D1
D0
SRAD7 SRAD6 SRAD5 SRAD4 SRAD3 SRAD2 SRAD1 SRAD0
SRAD7-SRAD0 Sample Rate frequency select for
the A/D converter. See Table 10.
Independent DAC Fs (X13)
Default = xxxxxxxx
D7
D6
D5
D4
D3
D2
D1
D0
SRDA7 SRDA6 SRDA5 SRDA4 SRDA3 SRDA2 SRDA1 SRDA0
SRDA7-SRDA0 Sample Rate frequency select for
the D/A converter. See Table 10.
Reserved, backwards compatible (X14)
Default = xxxxxxxx
D7
D6
D5
D4
D3
D2
D1
D0
rbc
rbc
rbc
rbc
rbc
rbc
rbc
rbc
rbc
Reserved, backwards compatible.
Reserved, backwards compatible (X15)
Default = xxxxxxxx
D7
D6
D5
D4
D3
D2
D1
D0
rbc
rbc
rbc
rbc
rbc
rbc
rbc
rbc
rbc
Reserved, backwards compatible.
Left Wavetable Serial Port Mute (X16)
Default = exxxxxx
D7
D6
D5
D4
D3
D2
D1
D0
LWM
res
rbc
rbc
rbc
rbc
rbc
rbc
LWM
Left Wavetable Serial Port Mute.
When set, the Left Wavetable Serial
Input to DAC2 is muted. The default
state of this bit is the inverse of
WTEN in the Hardware Configura-
tion Data, Global Configuration byte.
Right Wavetable Serial Port Mute (X17)
Default = e0000000
D7
D6
D5
D4
D3
D2
D1
D0
RWM
res
rbcrbc
rbcrbc
rbcrbc
RWM
Right Wavetable Serial Port Mute.
When set, the Right Wavetable Se-
rial Input to DAC2 is muted. The
default state of this bit is the inverse
of WTEN in the Hardware Configura-
tion Data, Global Configuration byte.
3D and RAM Port Enable (X18)
Default = 0xeeeex0
D7
D6
D5
D4
D3
D2
D1
D0
PAE
res
AUX1R
3DEN
DSPD1
PSH
res
DLEN
DLEN
Digital Loopback Enable. When set,
the input to DAC1 to comes from the
ADCs. While DLEN is on, no other
data is sent to DAC1. This provides
a test path that is generally not used
in normal operation.
PSH
Playback Sample Hold. When set, the
last sample is held in DAC1 when
PEN is cleared. When clear, zero is
sent to DAC1 when PEN is cleared.
DSPD1
DSP port controls DAC1. When set,
the serial DSP port controls DAC1 in-
stead of the ISA playback FIFO.
3DEN
3D Sound Enable. When set, 3D
sound is enabled on L/ROUT. This
bit is also controlled through C3.
AUX1R
AUX1 Remap. When set, writes to
I18/19 (DAC2 volume) also control
the AUX1 volume. When clear,
I18/19 control DAC2 volume and
I2/3 control AUX1 volume. This bit
provides some backwards compatibil-
ity when AUX1 analog inputs are
substituted for LINE analog inputs
which are no longer available.
PAE
Processor Access Enable. When set,
I20/21 provide access to the Proces-
sor identically to CTRLbase+5/+6
respectively.
DS252PP2
CS4235
CrystalClear
Low Cost ISA Audio System
TM
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com