Electronic Components Datasheet Search
  English  ▼

X  

CS4281 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS4281
Description  CrystalClear PCI Audio interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4281 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS4281 Datasheet HTML 18Page - Cirrus Logic CS4281 Datasheet HTML 19Page - Cirrus Logic CS4281 Datasheet HTML 20Page - Cirrus Logic CS4281 Datasheet HTML 21Page - Cirrus Logic CS4281 Datasheet HTML 22Page - Cirrus Logic CS4281 Datasheet HTML 23Page - Cirrus Logic CS4281 Datasheet HTML 24Page - Cirrus Logic CS4281 Datasheet HTML 25Page - Cirrus Logic CS4281 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
22
DS308PP4
CS4281
CrystalClear™ PCI Audio Interface
CIRRUS LOGIC PRODUCT DATA SHEET
MIDI PORT
A bi-directional MIDI interface allows connection of external MIDI devices. The MIDI interface includes
a 16-byte FIFO for the MIDI receive path. A MIDI buffer (see Figure 11) is recommended due to some
joystick manufactures grounding the MIDIOUT pin.
JOYSTICK PORT
The joystick port supports four “coordinate” channels and four “button” channels. The coordinate channels
provide joystick positional information to the host, and the button channels provide user button event in-
formation. The Joystick schematic is illustrated in Figure 12.
CS4281
39k
39k
10k
20k
5.1k
MMBT2907ALT1
MMBT3904LT1
MIDIOUT
3.3V
5V
MIDIOUT
(Buffered)
Joystick
Connector
Figure 11. MIDIOUT Buffer
+5 V
1nF
1
9
8
4
5
2
10
7
14
12
15
1nF
MIDIIN
MIDIOUT
JAB2
JBB2
JACY
JBCY
JBCX
JACX
JBB1
JAB1
3
11
13
6
1nF
1nF
12 nF
12 nF
12 nF
12 nF
2.2 k
Ω
2.2 k
Ω
2.2 k
Ω
2.2 k
Ω
4.7 k
Ω
4.7 k
Ω
4.7 k
Ω
4.7 k
Ω
4.7 k
Ω
CS4281
Figure 12. Joystick Logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com