Electronic Components Datasheet Search
  English  ▼

X  

UT75N02 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UT75N02
Description  75A, 25V N-CHANNEL POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT75N02 Datasheet(HTML) 2 Page - Unisonic Technologies

  UT75N02 Datasheet HTML 1Page - Unisonic Technologies UT75N02 Datasheet HTML 2Page - Unisonic Technologies UT75N02 Datasheet HTML 3Page - Unisonic Technologies UT75N02 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UT75N02
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R502-328.c
ABSOLUTE MAXIMUM RATINGS (TC = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain Source Voltage
VDSS
25
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current
ID
75
A
Pulsed Drain Current (Note 2)
IDM
170
A
Avalanche Current
IAR
60
A
Avalanche Energy
L=0.1mH
EAS
140
mJ
Repetitive Avalanche Energy (Note 3) L=0.05mH
EAR
5.6
mJ
Power Dissipation
TO-220
PD
40
W
TO-251
28
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note:1.
2.
3.
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
Pulse width limited by maximum junction temperature.
Duty cycle≤1%.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
TO-220
θJA
62.5
°C/W
TO-251
110
Junction to Case
TO-220
θJC
3.13
°C/W
TO-251
4.53



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com