Electronic Components Datasheet Search
  English  ▼

X  

UT75N02 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UT75N02
Description  75A, 25V N-CHANNEL POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT75N02 Datasheet(HTML) 3 Page - Unisonic Technologies

  UT75N02 Datasheet HTML 1Page - Unisonic Technologies UT75N02 Datasheet HTML 2Page - Unisonic Technologies UT75N02 Datasheet HTML 3Page - Unisonic Technologies UT75N02 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UT75N02
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R502-328.c
ELECTRICAL CHARACTERISTICS (TC = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS VGS=0V, ID=250µA
25
V
Drain-Source Leakage Current
IDSS
VDS = 20V, VGS = 0V
25
µA
VDS =20V, VGS = 0V, TJ = 125°C
250
µA
Gate-Source Leakage Current
IGSS
VDS=0V, VGS=±20V
±250
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH) VDS= VGS, ID=250µA
1
1.5
3
V
On-State Drain Current (Note 1)
ID(ON)
VDS = 10V, VGS = 10V
70
A
Static Drain-Source On-Resistance
(Note 1)
RDS(ON)
VGS = 10V, ID = 30A
5
7
mΩ
VGS = 7V, ID = 24A
6
8
mΩ
DYNAMIC PARAMETERS
Input Capacitance
CISS
VDS=15V, VGS=0 V, f=1MHz
5000
pF
Output Capacitance
COSS
1800
pF
Reverse Transfer Capacitance
CRSS
800
pF
SWITCHING PARAMETERS (Note 2)
Turn-ON Delay Time
tD(ON)
VDS = 15V, VGS = 10V, ID≈30A
RGS = 2.5Ω, RL = 1Ω,
7
ns
Turn-ON Rise Time
tR
7
ns
Turn-OFF Delay Time
tD(OFF)
24
ns
Turn-OFF Fall-Time
tF
6
ns
Total Gate Charge
QG
VDS=0.5V(BR)DSS, VGS=10V, ID=35A
140
nC
Gate Source Charge
QGS
40
nC
Gate Drain Charge
QGD
75
nC
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Forward Voltage (Note 1)
VSD
IF = IS, VGS = 0V
1.3
V
Continuous Current
IS
75
A
Notes: 1. Pulse test : Pulse Width≤300μsec, Duty Cycle≤2%
2. Independent of operating temperature



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com