Electronic Components Datasheet Search
  English  ▼

X  

CS4340 Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS4340
Description  24-Bit, 96 kHz Stereo DAC for Audio?
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4340 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS4340 Datasheet HTML 11Page - Cirrus Logic CS4340 Datasheet HTML 12Page - Cirrus Logic CS4340 Datasheet HTML 13Page - Cirrus Logic CS4340 Datasheet HTML 14Page - Cirrus Logic CS4340 Datasheet HTML 15Page - Cirrus Logic CS4340 Datasheet HTML 16Page - Cirrus Logic CS4340 Datasheet HTML 17Page - Cirrus Logic CS4340 Datasheet HTML 18Page - Cirrus Logic CS4340 Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
CS4340
DS297PP3
15
DIF1 and DIF0
6 & 7 Digital Interface Format (I
nput) - The required relationship between the Left/Right clock, serial
clock and serial data is defined by the Digital Interface Format and the options are detailed in
Figures 16-19
FILT+
9
Positive Voltage Reference (
Output) - Positive reference for internal sampling circuits. An
external capacitor is required from FILT+ to analog ground, as shown in Figure 4. The recom-
mended value will typically provide 60 dB of PSRR at 1 kHz and 40 dB of PSRR at 60 Hz.
FILT+ is not intended to supply external current. FILT+ has a typical source impedance of
250 k
Ω and any current drawn from this pin will alter device performance.
VQ
10
Quiescent Voltage (
Output) - Filter connection for internal quiescent reference voltage, typi-
cally 50% of VA. Capacitors must be connected from VQ to analog ground, as shown in
Figure 4. VQ is not intended to supply external current. VQ has a typical source impedence of
250 k
Ω and any current drawn from this pin will alter device performance.
REF_GND
11
Reference Ground (
Input) - Ground reference for the internal sampling circuits. Must be con-
nected to analog ground.
AOUTR and AOUTL
12 & 15 Analog Outputs (
Output) - The full scale analog output level is specified in the Analog Charac-
teristics specifications table.
AGND
13
Ground (
Input) - Ground Reference.
VA
14
Analog Power (
Input) - Analog power supply. Typically 3 to 5 VDC.
MUTEC
16
Mute Control (
Output) - The Mute Control pin goes high during power-up initialization, reset,
muting, master clock to left/right clock frequency ratio is incorrect or power-down. This pin is
intended to be used as a control for an external mute circuit to prevent the clicks and pops that
can occur in any single supply system. Use of Mute Control is not mandatory but recommended
for designs requiring the absolute minimum in extraneous clicks and pops.
.
DIF1
DIF0
DESCRIPTION
FORMAT
FIGURE
00
I2S, up to 24-bit data
0
16
0
1
Left Justified, up to 24-bit data
1
17
1
0
Right Justified, 24-bit Data
2
18
1
1
Right Justified, 16-bit Data
3
19
Table 4. Digital Interface Format - DIF1 and DIF0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com