Electronic Components Datasheet Search
  English  ▼

X  

CS4340A Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS4340A
Description  24-Bit, 192 kHz Stereo DAC for Audio?
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4340A Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS4340A Datasheet HTML 7Page - Cirrus Logic CS4340A Datasheet HTML 8Page - Cirrus Logic CS4340A Datasheet HTML 9Page - Cirrus Logic CS4340A Datasheet HTML 10Page - Cirrus Logic CS4340A Datasheet HTML 11Page - Cirrus Logic CS4340A Datasheet HTML 12Page - Cirrus Logic CS4340A Datasheet HTML 13Page - Cirrus Logic CS4340A Datasheet HTML 14Page - Cirrus Logic CS4340A Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
CS4340A
DS590PP2
11
4. CHARACTERISTICS AND SPECIFICATIONS Typical performance characteristics are derived
from measurements taken at TA =25 °C, VA = 3.3 V and VA = 5.0 V. Min/Max performance characteristics are
guaranteed over the specified operating temperature and voltages.)
ANALOG CHARACTERISTICS (CS4340A-KS) (Test conditions (unless otherwise specified):
Input test signal is a 997 Hz sine wave; measurement bandwidth is 10 Hz to 20 kHz; test load RL =10kΩ,CL =10
pF (see Figure 7).)
Parameter
VA = 5.0V
VA = 3.3V
Min
Typ
Max
Min
Typ
Max
Unit
Single-Speed Mode
Fs = 48kHz
Dynamic Range
(Note 1)
18 to 24-Bit
unweighted
A-Weighted
16-Bit
unweighted
A-Weighted
92
95
-
-
98
101
92
95
-
-
-
-
88
91
-
-
94
97
92
95
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise
(Note 1)
18 to 24-Bit
0 dB
-20 dB
-60 dB
16-Bit
0 dB
-20 dB
-60 dB
-
-
-
-
-
-
-91
-78
-38
-90
-72
-32
-85
-
-
-
-
-
-
-
-
-
-
-
-94
-74
-34
-91
-72
-32
-88
-
-
-
-
-
dB
dB
dB
dB
dB
dB
Double-Speed Mode
Fs = 96kHz
Dynamic Range
(Note 1)
18 to 24-Bit
unweighted
A-Weighted
16-Bit
unweighted
A-Weighted
92
95
-
-
98
101
92
95
-
-
-
-
88
91
-
-
94
97
92
95
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise
(Note 1)
18 to 24-Bit
0 dB
-20 dB
-60 dB
16-Bit
0 dB
-20 dB
-60 dB
-
-
-
-
-
-
-91
-78
-38
-90
-72
-32
-85
-
-
-
-
-
-
-
-
-
-
-
-94
-74
-34
-91
-72
-32
-88
-
-
-
-
-
dB
dB
dB
dB
dB
dB
Quad-Speed Mode
Fs = 192kHz
Dynamic Range
(Note 1)
18 to 24-Bit
unweighted
A-Weighted
16-Bit
unweighted
A-Weighted
92
95
-
-
98
101
92
95
-
-
-
-
88
91
-
-
94
97
92
95
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise
(Note 1)
18 to 24-Bit
0 dB
-20 dB
-60 dB
16-Bit
0 dB
-20 dB
-60 dB
-
-
-
-
-
-
-91
-78
-38
-90
-72
-32
-85
-
-
-
-
-
-
-
-
-
-
-
-94
-74
-34
-91
-72
-32
-88
-
-
-
-
-
dB
dB
dB
dB
dB
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com