Electronic Components Datasheet Search
  English  ▼

X  

CDB4340 Datasheet(PDF) 12 Page - Cirrus Logic

Part # CDB4340
Description  24-Bit, 96 kHz Stereo DAC for Audio?
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4340 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CDB4340 Datasheet HTML 8Page - Cirrus Logic CDB4340 Datasheet HTML 9Page - Cirrus Logic CDB4340 Datasheet HTML 10Page - Cirrus Logic CDB4340 Datasheet HTML 11Page - Cirrus Logic CDB4340 Datasheet HTML 12Page - Cirrus Logic CDB4340 Datasheet HTML 13Page - Cirrus Logic CDB4340 Datasheet HTML 14Page - Cirrus Logic CDB4340 Datasheet HTML 15Page - Cirrus Logic CDB4340 Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
CS4340
12
DS297PP3
2.
TYPICAL CONNECTION DIAGRAM
13
Audio
Data
Processor
External Clock
MCLK
AGND
AOUTR
CS4340
SDATA
LRCK
VA
AOUTL
3
4
5
14
0.1 µF
+
1µF
12
+5 V to+3V
3.3 µF
3.3 µF
10 kΩ
C
C
560
Ω
560 Ω
+
+
Mode
Configuration
8
6
7
SCLK/DEM1
1
2
DIF1
DIF0
DEM0
RST
MUTEC 16
OPTIONAL
MUTE
CIRCUIT
15
1µF
0.1 µF
Audio
Output
Audio
Output
R
L + 560
C=
4
πF
SRL 560
R L
R L
+
+
10 kΩ
.1 µF
1µF
9
10
11
REF_GND
FILT+
VQ
Left
Right
Figure 4. Typical Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com