Electronic Components Datasheet Search
  English  ▼

X  

CDB4340 Datasheet(PDF) 23 Page - Cirrus Logic

Part # CDB4340
Description  24-Bit, 96 kHz Stereo DAC for Audio?
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4340 Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CDB4340 Datasheet HTML 19Page - Cirrus Logic CDB4340 Datasheet HTML 20Page - Cirrus Logic CDB4340 Datasheet HTML 21Page - Cirrus Logic CDB4340 Datasheet HTML 22Page - Cirrus Logic CDB4340 Datasheet HTML 23Page - Cirrus Logic CDB4340 Datasheet HTML 24Page - Cirrus Logic CDB4340 Datasheet HTML 25Page - Cirrus Logic CDB4340 Datasheet HTML 26Page - Cirrus Logic CDB4340 Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
CS4340
DS297PP3
23
-140
+0
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
r
A
2k
20k
4k
6k
8k
10k
12k
14k
16k
18k
Hz
-140
+0
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
r
A
2k
20k
4k
6k
8k
10k
12k
14k
16k
18k
Hz
Figure 27. FFT 0 dB input, BRM, VA = 5V
Figure 28. FFT -60 dB input, BRM, VA = 5V
-140
+0
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
r
A
2k
20k
4k
6k
8k
10k
12k
14k
16k
18k
Hz
-10
+20
-8
-6
-4
-2
+0
+2
+4
+6
+8
+10
+12
+14
+16
+18
d
B
r
A
-100
+0
-90
-80
-70
-60
-50
-40
-30
-20
-10
dBFS
Figure 29. FFT Idle Noise, BRM, VA = 5V
Figure 30. Fade-to-Noise Linearity, BRM, VA = 5V
-105
-85
-104
-103
-102
-101
-100
-99
-98
-97
-96
-95
-94
-93
-92
-91
-90
-89
-88
-87
-86
d
B
r
A
-60
+0
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
dBFS
-105
-85
-104
-103
-102
-101
-100
-99
-98
-97
-96
-95
-94
-93
-92
-91
-90
-89
-88
-87
-86
d
B
r
A
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
Figure 31. THDN vs Ampl, BRM, VA = 5V
Figure 32. THDN vs Freq, BRM, VA = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com