Electronic Components Datasheet Search
  English  ▼

X  

LLSD103A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LLSD103A
Description  Schottky Barrier Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LLSD103A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LLSD103A Datasheet HTML 1Page - List of Unclassifed Manufacturers LLSD103A Datasheet HTML 2Page - List of Unclassifed Manufacturers LLSD103A Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LLSD103A thru LLSD103C
1.0
10
100
1000
0.10
0.01
0
0.5
1.0
V , FORWARD VOLTAGE (V)
Fig. 1 Typical Forward Characteristics
F
0
1
2
3
4
5
0
0.5
1.0
1.5
V , FORWARD VOLTAGE (V)
Fig.2 Typical High Current Fwd Characteristics
F
t = 300 s
duty cycle = 2%
p
μ
0
10
20
30
40
50
0
100
200
T , AMBIENT TEMPERATURE ( C)
Fig. 3 Blocking Voltage Derating Curves
A
°
100mA
200mA
I = 400mA
F
MCC
Revision: 5
2008/01/01
TM
Micro Commercial Components
www.mccsemi.com
2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com