Electronic Components Datasheet Search
  English  ▼

X  

LLSD103A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LLSD103A
Description  Schottky Barrier Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LLSD103A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LLSD103A Datasheet HTML 1Page - List of Unclassifed Manufacturers LLSD103A Datasheet HTML 2Page - List of Unclassifed Manufacturers LLSD103A Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
Low Reverse Recovery Time
Low Forward Voltage Drop and Low Reverse Capacitance
Guard Ring Construction for Transient Protection
Mechanical Data
Case: MiniMELF, Glass
Terminals: Solderable per MIL-STD-202, Method 208
Polarity: Indicated by Cathode Band
Weight: 0.05 grams ( approx.)
Maximum Ratings @ 25oC Unless Otherwise Specified
Characteristic
Symbol LLSD103A LLSD103B LLSD103C
Peak Repetitive Reverse Voltage
VRRM
Working Peak Reverse Voltage
VRWM
40V
30V
20V
DC Blocking Voltage
VR
RMS Reverse Voltage
VR(RMS)
28V
21V
14V
Forward Continuous Current(Note2)
IFM
Maximum Single cycle surge 60Hz
sine wave
IFSM
Power Dissipation(Note 2)
Pd
Thermal Resistance(Note 2)
R
Operation/Storage Temp. Range
Tj, TSTG
-55 to 150
oC
15A
350mA
400mW
250K/W
Electrical Characteristics @ 25oC Unless Otherwise Specified
Charateristic
Symbol Min
Typ
Max
Test Cond.
Peak
LLSD103A
VR=30V
Reverse
LLSD103B
IRM
-----
-----
5.0uA
VR=20V
Current
LLSD103C
VR=10V
Maximum Forward
VFM
-----
-----
0.37V
IF=20mA
Voltage Drop
0.60V
IF=200mA
Junction Capacitance
Cj
-----
50
pF
VR=0V, f=1.0MHz
Reverse Recovery Time
trr
-----
10
ns
IF=IR=50mA to 200mA,
recover to 0.1 IR
LLSD103A
THRU
LLSD103C
Schottky Barrier
Switching Diode
DIMENSION
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.134
.142
3.40
3.60
B
.008
.016
0.20
0.40
C
.055
.059
1.40
1.50
A
B
C
Cathode Mark
0.030”
0.105
0.075”
SUGGESTED SOLDER
PAD LAYOUT
MINIMELF
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Revision: 5
2008/01/01
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
Note:1.Lead in Glass Exemption Applied, see EU Directive Annex 5.
Compliant. See ordering information)
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
2.Valid provided that electrodes are kept at ambient temperature


Similar Part No. - LLSD103A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
LLSD103A DIODES-LLSD103A Datasheet
140Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30068 Rev. 2 - 2
logo
Micro Commercial Compon...
LLSD103A MCC-LLSD103A Datasheet
361Kb / 2P
Schottky Barrier Switching Diode
logo
Pan Jit International I...
LLSD103A PANJIT-LLSD103A Datasheet
46Kb / 2P
SMALL SIGNAL SCHOTTKY BARRIES SWITCHING DIODES
logo
Shanghai Lunsure Electr...
LLSD103A CHENYI-LLSD103A Datasheet
330Kb / 2P
Schottky barrier switching diode
logo
Pan Jit International I...
LLSD103A PANJIT-LLSD103A Datasheet
83Kb / 3P
SMALL SIGNAL SCHOTTKY BARRIES SWITCHING DIODES
More results

Similar Description - LLSD103A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
LL42 DIODES-LL42 Datasheet
50Kb / 1P
SCHOTTKY BARRIER SWITCHING DIODE
DS30072 Rev. A-2
logo
Micro Commercial Compon...
LLSD101A MCC-LLSD101A Datasheet
360Kb / 2P
Schottky Barrier Switching Diode
logo
Unisonic Technologies
SD103AW UTC-SD103AW Datasheet
82Kb / 3P
SCHOTTKY BARRIER SWITCHING DIODE
logo
Diodes Incorporated
SD101AW_ DIODES-SD101AW_ Datasheet
224Kb / 3P
SCHOTTKY BARRIER SWITCHING DIODE
DS11012 Rev. 17 - 2
SD103AW_ DIODES-SD103AW_ Datasheet
246Kb / 3P
SCHOTTKY BARRIER SWITCHING DIODE
DS11013 Rev. 21 - 2
logo
Sensitron
SD103AWS-G SENSITRON-SD103AWS-G Datasheet
178Kb / 3P
SCHOTTKY BARRIER SWITCHING DIODE
SD103AWS SENSITRON-SD103AWS Datasheet
88Kb / 3P
SCHOTTKY BARRIER SWITCHING DIODE
logo
Unisonic Technologies
SD103AWS UTC-SD103AWS Datasheet
138Kb / 3P
SCHOTTKY BARRIER SWITCHING DIODE
logo
Diodes Incorporated
SD101AW-7-F DIODES-SD101AW-7-F Datasheet
115Kb / 3P
SCHOTTKY BARRIER SWITCHING DIODE
Rev erse
logo
Galaxy Semi-Conductor H...
SD107WS BILIN-SD107WS_17 Datasheet
179Kb / 3P
Schottky Barrier Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com