Electronic Components Datasheet Search
  English  ▼

X  

CDB4392 Datasheet(PDF) 40 Page - Cirrus Logic

Part # CDB4392
Description  24-Bit, 192 kHz Stereo DAC with Volume Control?
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4392 Datasheet(HTML) 40 Page - Cirrus Logic

Back Button CDB4392 Datasheet HTML 34Page - Cirrus Logic CDB4392 Datasheet HTML 35Page - Cirrus Logic CDB4392 Datasheet HTML 36Page - Cirrus Logic CDB4392 Datasheet HTML 37Page - Cirrus Logic CDB4392 Datasheet HTML 38Page - Cirrus Logic CDB4392 Datasheet HTML 39Page - Cirrus Logic CDB4392 Datasheet HTML 40Page - Cirrus Logic CDB4392 Datasheet HTML 41Page - Cirrus Logic CDB4392 Datasheet HTML 42Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 40 / 42 page
background image
CS4392
40
DS459PP2
PACKAGE DIMENSIONS(cont.).
INCHES
MILLIMETERS
DIM
MIN
NOM
MAX
MIN
NOM
MAX
A
0.093
0.098
0.104
2.35
2.50
2.65
A1
0.004
0.008
0.012
0.10
0.20
0.30
b
0.013
0.017
0.020
0.33
0.43
0.51
C
0.009
0.011
0.013
0.23
0.28
0.32
D
0.496
0.504
0.512
12.60
12.80
13.00
E
0.291
0.295
0.299
7.40
7.50
7.60
e
0.040
0.050
0.060
1.02
1.27
1.52
H
0.394
0.407
0.419
10.00
10.34
10.65
L
0.016
0.025
0.050
0.40
0.64
1.27
∝
0°
4°
8°
0°
4°
8°
JEDEC #: MS-013
Controlling Dimension is Millimeters
20L SOIC (300 MIL BODY) PACKAGE DRAWING
D
H
E
b
A1
A
c
L
∝
SEATING
PLANE
e
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com