Electronic Components Datasheet Search
  English  ▼

X  

CS49311 Datasheet(PDF) 71 Page - Cirrus Logic

Part # CS49311
Description  Multi-Standard Audio Decoder Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49311 Datasheet(HTML) 71 Page - Cirrus Logic

Back Button CS49311 Datasheet HTML 67Page - Cirrus Logic CS49311 Datasheet HTML 68Page - Cirrus Logic CS49311 Datasheet HTML 69Page - Cirrus Logic CS49311 Datasheet HTML 70Page - Cirrus Logic CS49311 Datasheet HTML 71Page - Cirrus Logic CS49311 Datasheet HTML 72Page - Cirrus Logic CS49311 Datasheet HTML 73Page - Cirrus Logic CS49311 Datasheet HTML 74Page - Cirrus Logic CS49311 Datasheet HTML 75Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 86 page
background image
CS49300 Family DSP
DS339PP4
71
configured to provide a 128Fs, 256Fs or 512Fs
clock, where Fs is the output sample rate.
SCLK is the bit clock used to clock data out on
AUDATA0,
AUDATA1,
AUDATA2
and
AUDATA3. LRCLK is the data framing clock
whose frequency is typically equal to the sampling
frequency. Both LRCLK and SCLK can be
configured as either inputs (Slave mode) or outputs
(Master mode). When LRCLK and SCLK are
configured as inputs, MCLK is a don’t care as an
input. When LRCLK and SCLK are configured as
outputs, they are derived from MCLK. Whether
MCLK is configured as an input or an output, an
internal divider from the MCLK signal is used to
produce LRCLK and SCLK. The ratios shown in
Table 16 give the possible SCLK values for
different MCLK frequencies (all values in terms of
the sampling frequency, Fs).
AUDAT0 is configurable to provide six, four, or
two
channels.
AUDATA1,
AUDATA2
and
AUDATA3 can both output two channels of data.
Typically
the
AUDATA0,
AUDATA1,
AUDATA2 and AUDATA3 outputs are used in
left justified, I2S or right justified modes.
AUDATA0, AUDATA1 and AUDATA2 are used
for 5.1 output, presenting all six channels of
surround
sound
(Left,
Center,
Right,
Left
Surround, Right Surround and Subwoofer).
AUDATA3
can
be
used
with
AUDATA0,
AUDATA1 and AUDATA2 to support 7.1 output.
Alternatively AUDATA3 can be used for dual zone
support. AUDATA3 is multiplexed with the
XMT958 output so only one can be used at any one
time.
Table 17 shows the mapping of DAO channels to
actual outputs when not in a multichannel mode.
Please consult the application code user’s guides to
determine what modes are supported by the
application code being used.
10.5.1.IEC60958 Output
The XMT958 output is shared with the AUDATA3
output so only one can be used at any one time. The
XMT958 output provides a CMOS level bi phase
encoded output. The XMT958 function can be
internally clocked from the PLL or from an MCLK
input if MCLK is 256Fs or 512Fs. All channel
status information can be used when using software
which supports this functionality. This output can
be used for either 2 channel PCM output or
compressed data output in accordance with
IEC61937. To be fully IEC60958 compliant this
output would need to be buffered through an
RS422 device or an optocoupler as its outputs are
only CMOS. Please consult software user’s guide
to determine if this pin is supported by the
download code being used.
MCLK
(Fs)
SCLK (Fs)
32
48
64
128
256
512
128
X
X
384**
X
X
X
256
X
XXX
512
X
XXXX
** For MCLK as an input only
Table 16. MCLK/SCLK Master Mode Ratios
DAO_Channel
Subframe
Signal
0
Left
AUDATA0
1
Right
AUDATA0
2
Left
AUDATA1
3
Right
AUDATA1
4
Left
AUDATA2
5
Right
AUDATA2
6
Left
AUDATA3
7
Right
AUDATA3
Table 17. Output Channel Mapping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com