Electronic Components Datasheet Search
  English  ▼

X  

CS49311 Datasheet(PDF) 83 Page - Cirrus Logic

Part # CS49311
Description  Multi-Standard Audio Decoder Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49311 Datasheet(HTML) 83 Page - Cirrus Logic

Back Button CS49311 Datasheet HTML 78Page - Cirrus Logic CS49311 Datasheet HTML 79Page - Cirrus Logic CS49311 Datasheet HTML 80Page - Cirrus Logic CS49311 Datasheet HTML 81Page - Cirrus Logic CS49311 Datasheet HTML 82Page - Cirrus Logic CS49311 Datasheet HTML 83Page - Cirrus Logic CS49311 Datasheet HTML 84Page - Cirrus Logic CS49311 Datasheet HTML 85Page - Cirrus Logic CS49311 Datasheet HTML 86Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 83 / 86 page
background image
CS49300 Family DSP
DS339PP4
83
MCLK—Audio Master Clock: Pin 44
Bidirectional master audio clock. MCLK can be an output from the CS493XX that provides an
oversampled audio-output clock at either 128 Fs, 256 Fs, or 512 Fs. MCLK can be an input at
128 Fs, 256 Fs, 384 Fs, or 512 Fs. MCLK is used to derive SCLK and LRCLK when SCLK
and LRCLK are driven by the CS493XX. BIDIRECTIONAL - Default: INPUT
SCLK—Audio Output Bit Clock: Pin 43
Bidirectional digital-audio output bit clock. SCLK can be an output that is derived from MCLK
to provide 32 Fs, 64 Fs, 128 Fs, 256 Fs, or 512 Fs, depending on the MCLK rate and the
digital-output configuration. SCLK can also be an input and must be at least 48Fs or greater.
As an input, SCLK is independent of MCLK. BIDIRECTIONAL - Default: INPUT
LRCLK—Audio Output Sample Rate Clock: Pin 42
Bidirectional digital-audio output-sample-rate clock. LRCLK can be an output that is divided
from MCLK to provide the output sample rate depending on the output configuration. LRCLK
can also be an input. As an input LRCLK is independent of MCLK.
BIDIRECTIONAL - Default: INPUT
AUDATA3,XMT958—SPDIF Transmitter Output, Digital Audio Output 3: Pin 3
CMOS level output that contains a biphase-mark encoded (S/PDIF) or I2S or Left Justified
digital audio data which is capable of carrying two channels of PCM digital audio or an
IEC61937 compressed-data interface.
Note: Outputting of IEC61937 is only available for certain broadcast-based application codes which run on
the CS4931X family or CS49330 device.
This output typically connects to the input of an RS-422 transmitter or to the input of an optical
transmitter. OUTPUT
SCLKN1, STCCLK2—PCM Audio Input Bit Clock: Pin 25
Bidirectional digital-audio bit clock that is an output in master mode and an input in slave
mode. In slave mode, SCLKN1 operates asynchronously from all other CS493XX clocks. In
master mode, SCLKN1 is derived from the CS493XX internal clock generator. In either master
or slave mode, the active edge of SCLKN1 can be programmed by the DSP. For applications
supporting PES layer synchronization this pin can be used as STCCLK2, which provides a path
to the internal STC 33 bit counter. BIDIRECTIONAL - Default: INPUT
LRCLKN1—PCM Audio Input Sample Rate Clock: Pin 26
Bidirectional digital-audio frame clock that is an output in master mode and an input in slave
mode. LRCLKN1 typically is run at the sampling frequency. In slave mode, LRCLKN1
operates asynchronously from all other CS493XX clocks. In master mode, LRCLKN1 is
derived from the CS493XX internal clock generator. In either master or slave mode, the
polarity of LRCLKN1 for a particular subframe can be programmed by the DSP.
BIDIRECTIONAL - Default: INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com