Electronic Components Datasheet Search
  English  ▼

X  

MS90N10 Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # MS90N10
Description  100V N-Channel MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MS90N10 Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  MS90N10 Datasheet HTML 1Page - Bruckewell Technology LTD MS90N10 Datasheet HTML 2Page - Bruckewell Technology LTD MS90N10 Datasheet HTML 3Page - Bruckewell Technology LTD MS90N10 Datasheet HTML 4Page - Bruckewell Technology LTD MS90N10 Datasheet HTML 5Page - Bruckewell Technology LTD MS90N10 Datasheet HTML 6Page - Bruckewell Technology LTD MS90N10 Datasheet HTML 7Page - Bruckewell Technology LTD MS90N10 Datasheet HTML 8Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MS90N10 100V N-Channel MOSFET
©Bruckewell Technology Corporation Rev. A -2013
GENERAL DESCRIPTION
The MS90N10 is a N-channel enhancement-mode
MOSFET , providing the designer with the best
combination of fast switching, ruggedized device
design, low on-resistance and cost effectiveness. The
TO-220 package is universally preferred for all
commercial-industrial applications
FEATURES
• Low On Resistance
• Low Thermal Impendence
• Fast Switching Speed
• RoHS compliant / Halogen free package
available
APPLICATION
•White LED boost converters
•Automotive Systems
•Industrial DC/DC Conversion Circuits
PRODUCT SUMMARY
VDS (V)
rDS(on) (mΩ)
ID(A)
7 @ VGS = 10V
100
9 @ VGS = 4.5V
90A
ABSOLUTE MAXIMUM RATINGS (TA = 25°C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Limit
Units
Drain-Source Voltage
VDS
100
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current a
TA=25°C
ID
90
Pulsed Drain Current b
IDM
360
A
Continuous Source Current (Diode Conduction) a
IS
90
A
Power Dissipation a
TA=25°C
PD
300
W
Operating Junction and Storage Temperature
Range
TJ, Tstg
-55 to 175
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Maximum
Units
Maximum Junction-to-Ambient a
RθJA
62.5
Maximum Junction-to-Case
RθJC
1
°C/W


Similar Part No. - MS90N10

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MS90N06 BWTECH-MS90N06 Datasheet
485Kb / 6P
Level Shifting and Driver Circuits
MS90N08 BWTECH-MS90N08 Datasheet
913Kb / 8P
80V N-Channel MOSFET
More results

Similar Description - MS90N10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQH140N10 FAIRCHILD-FQH140N10 Datasheet
679Kb / 8P
100V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3442 AOSMD-AO3442 Datasheet
500Kb / 5P
100V N-Channel MOSFET
AOB410L AOSMD-AOB410L Datasheet
319Kb / 7P
100V N-Channel MOSFET
AO4482 AOSMD-AO4482 Datasheet
204Kb / 6P
100V N-Channel MOSFET
AOD478 AOSMD-AOD478 Datasheet
427Kb / 6P
100V N-Channel MOSFET
AON2290 AOSMD-AON2290 Datasheet
227Kb / 5P
100V N-Channel MOSFET
AON6290 AOSMD-AON6290 Datasheet
271Kb / 6P
100V N-Channel MOSFET
AON6450 AOSMD-AON6450_11 Datasheet
279Kb / 7P
100V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com