Electronic Components Datasheet Search
  English  ▼

X  

MS90N10 Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # MS90N10
Description  100V N-Channel MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MS90N10 Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  MS90N10 Datasheet HTML 1Page - Bruckewell Technology LTD MS90N10 Datasheet HTML 2Page - Bruckewell Technology LTD MS90N10 Datasheet HTML 3Page - Bruckewell Technology LTD MS90N10 Datasheet HTML 4Page - Bruckewell Technology LTD MS90N10 Datasheet HTML 5Page - Bruckewell Technology LTD MS90N10 Datasheet HTML 6Page - Bruckewell Technology LTD MS90N10 Datasheet HTML 7Page - Bruckewell Technology LTD MS90N10 Datasheet HTML 8Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MS90N10 100V N-Channel MOSFET
©Bruckewell Technology Corporation Rev. A -2013
Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Static
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 uA
1
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ±20 V
±100
nA
VDS = 80 V, VGS = 0 V
1
Zero Gate Voltage Drain Current
IDSS
VDS = 80 V, VGS = 0 V, TJ = 55°C
25
uA
On-State Drain Current
ID(on)
VDS = 5 V, VGS = 10 V
120
A
VGS = 10 V, ID = 20 A
7
Drain-Source On-Resistance
rDS(on)
VGS = 5.5 V, ID = 18 A
9
mΩ
Forward Transconductance
gfs
VDS = 15 V, ID = 20 A
22
S
Diode Forward Voltage
VSD
IS = 45 A, VGS = 0 V
1.1
V
Dynamic
Total Gate Charge
Qg
114
Gate-Source Charge
Qgs
28
Gate-Drain Charge
Qgd
VDS = 50 V, VGS = 5.5 V, ID = 20 A
72
nC
Turn-On Delay Time
td(on)
30
Rise Time
tr
58
Turn-Off Delay Time
td(off)
230
Fall Time
tf
VDS = 50 V, RL = 2.5 Ω, ID = 20 A, VGEN = 10
V, RGEN = 6 Ω
87
ns
Input Capacitance
Ciss
9235
Output Capacitance
Coss
811
Reverse Transfer Capacitance
Crss
VDS = 15 V, VGS = 0 V, f = 1 MHz
752
Pf
Notes
a. Pulse test: PW <= 300us duty cycle <= 2%.
b. Guaranteed by design, not subject to production
testing.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com