Electronic Components Datasheet Search
  English  ▼

X  

CS4924-CL Datasheet(PDF) 30 Page - Cirrus Logic

Part # CS4924-CL
Description  Multi-Channel Digital Audio Decoders
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4924-CL Datasheet(HTML) 30 Page - Cirrus Logic

Back Button CS4924-CL Datasheet HTML 26Page - Cirrus Logic CS4924-CL Datasheet HTML 27Page - Cirrus Logic CS4924-CL Datasheet HTML 28Page - Cirrus Logic CS4924-CL Datasheet HTML 29Page - Cirrus Logic CS4924-CL Datasheet HTML 30Page - Cirrus Logic CS4924-CL Datasheet HTML 31Page - Cirrus Logic CS4924-CL Datasheet HTML 32Page - Cirrus Logic CS4924-CL Datasheet HTML 33Page - Cirrus Logic CS4924-CL Datasheet HTML 34Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 56 page
background image
CS4923/4/5/6/7/8/9
30
DS262F2
Figure 18. Motorola Parallel Control Mode
NOTE: A capacitor pair (1 uF and 0.1 uF) must be supplied for each power pin.
OSCILLATOR
DIR or
ADCs
DAC s
NOTE: +3.3VA is simply +3.3VD after filt ering through the ferrite bead. Pin 32 must be referenced to +3.3VA
DATA[7:0]
+3.3V Supply (+3.3VD)
+3.3VD
+3.3VD
+3.3VA
+3.3VA
0.1 uF
+
1 uF
0.1 uF
+
1 uF
0.1 uF
+
1 uF
FERRITE BEAD
+
1 uF
0.1 uF
33
33
33
OPT_TX
+
2.2 uF
0.22 uF
+
47 uF
CS4923/4/5/6/7/8/9
3
4
5
6
7
8
9
10
11
14
15
16
17
18
19
20
21
22
25
26
27
28
29
30
31
32
33
36
37
38
39
40
41
42
43
44
XMT958
DS__WR
R/W__RD
A1
A0
DATA 7
DATA 6
DATA 5
DATA 4
DATA 3
DATA 2
DATA 1
DATA 0
CS
PSEL_GPIO9
INTREQ
GPIO8
S DATA N
SCLKN
SLRCLKN
CMPD AT
CMPCLK
CMPREQ
CLKIN
CLKSEL
FLT2
FLT1
RESET
DD
DC
AU DATA 2
AU DATA 1
AU DATA 0
LRCLK
SCLK
MCLK
NOTE: Only AUDATA0 connection applies for the CS4929



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com