Electronic Components Datasheet Search
  English  ▼

X  

CS4924-CL Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS4924-CL
Description  Multi-Channel Digital Audio Decoders
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4924-CL Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS4924-CL Datasheet HTML 28Page - Cirrus Logic CS4924-CL Datasheet HTML 29Page - Cirrus Logic CS4924-CL Datasheet HTML 30Page - Cirrus Logic CS4924-CL Datasheet HTML 31Page - Cirrus Logic CS4924-CL Datasheet HTML 32Page - Cirrus Logic CS4924-CL Datasheet HTML 33Page - Cirrus Logic CS4924-CL Datasheet HTML 34Page - Cirrus Logic CS4924-CL Datasheet HTML 35Page - Cirrus Logic CS4924-CL Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
CS4923/4/5/6/7/8/9
32
DS262F2
5.
CLOCKING
Revision D
of the CS4923/4/5/6/7/8/9 also
incorporates a programmable phase locked loop
(PLL) clock synthesizer. The PLL takes an input
reference clock and produces all the internal clocks
required to run the internal DSP and to provide
master mode timing to the audio input/output
peripherals. The clock manager also includes a
33-bit system time clock (STC) to support audio
and
video
synchronization
in
broadcast
applications.
The PLL can be internally bypassed by connecting
the CLKSEL
pin
to VD.
This connection
multiplexes the CLKIN pin directly to the DSP
clock. Care should be taken to note the minimum
CLKIN requirements when bypassing the PLL.
The PLL reference clock has three possible sources
that are routed through a multiplexer controlled by
the DSP: SCLKN2, SCLKN1, and CLKIN.
Typically, in audio/video environments like set-top
boxes, the CLKIN pin is connected to 27 MHz. In
other scenarios such as an A/V receiver design, the
PLL can be clocked through the CLKIN pin with
even multiples of the desired sampling rate or with
an already available clock source. CLKIN is
typically a multiple of a standard sampling
frequency in this scenario (e.g. 11.2896 MHz).
The clock manager is controlled by the DSP
application software. Please refer to the Hardware
User’s Guide for the CS4923/4/5/6/7/8/9 (AN115)
and all relevant application code user’s guides for
information on supported CLKIN frequencies and
how to set up and control the internal PLL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com