Electronic Components Datasheet Search
  English  ▼

X  

CS4927-CL Datasheet(PDF) 42 Page - Cirrus Logic

Part # CS4927-CL
Description  Multi-Channel Digital Audio Decoders
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4927-CL Datasheet(HTML) 42 Page - Cirrus Logic

Back Button CS4927-CL Datasheet HTML 38Page - Cirrus Logic CS4927-CL Datasheet HTML 39Page - Cirrus Logic CS4927-CL Datasheet HTML 40Page - Cirrus Logic CS4927-CL Datasheet HTML 41Page - Cirrus Logic CS4927-CL Datasheet HTML 42Page - Cirrus Logic CS4927-CL Datasheet HTML 43Page - Cirrus Logic CS4927-CL Datasheet HTML 44Page - Cirrus Logic CS4927-CL Datasheet HTML 45Page - Cirrus Logic CS4927-CL Datasheet HTML 46Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 56 page
background image
CS4923/4/5/6/7/8/9
42
DS262F2
64K X 8
ROM
A DDR[15:8]
ADDR[7:0]
8 BIT
'574
DFF
DQ
8 BIT
'574
DFF
DQ
EMAD[7:0]
D A T A[7:0]
OE
EMOE
EXTMEM
CS
EMWR
Only one of R1 and R2 shou ld be stuffed.
Only one of R3 and R4 shou ld be stuffed.
T h e state of EMOE and EMWR at the
rising edge of RESET will determine the
serial mode that the part comes up in
while using exter nal memory. Please see
section 2, Serial Communication for
more d etails.
CS4923/4/5/6/7/8/9
ADDR[7:0]
A DDR[15:8]
8
3.3V
3.3V
3.3V
3.3V
R1
R3
R2
R4
Figure 21. External Memory Interface
EXTMEM
EMOE
EMAD7:0
MA15:8
MA7:0
Data7:0
Figure 22. Run-Time Memory Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com