Electronic Components Datasheet Search
  English  ▼

X  

CS4927-CL Datasheet(PDF) 48 Page - Cirrus Logic

Part # CS4927-CL
Description  Multi-Channel Digital Audio Decoders
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4927-CL Datasheet(HTML) 48 Page - Cirrus Logic

Back Button CS4927-CL Datasheet HTML 44Page - Cirrus Logic CS4927-CL Datasheet HTML 45Page - Cirrus Logic CS4927-CL Datasheet HTML 46Page - Cirrus Logic CS4927-CL Datasheet HTML 47Page - Cirrus Logic CS4927-CL Datasheet HTML 48Page - Cirrus Logic CS4927-CL Datasheet HTML 49Page - Cirrus Logic CS4927-CL Datasheet HTML 50Page - Cirrus Logic CS4927-CL Datasheet HTML 51Page - Cirrus Logic CS4927-CL Datasheet HTML 52Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 56 page
background image
CS4923/4/5/6/7/8/9
48
DS262F2
guides to determine which modes are supported by
the download code being used.
Serial digital audio data bit placement and sample
alignment
is
fully
configurable
in
the
CS4923/4/5/6/7/8/9 including left justified, right
justified, delay bits or no delay bits, variable
sample word sizes, variable output channel count,
and programmable output channel pin assignments
and clock edge polarity to integrate with most
digital audio interfaces. If a mode is needed which
is not supported, please consult your Crystal
Representative as to its availability.
7.5.1 IEC60958 Output
The XMT958 output provides a CMOS level bi
phase encoded output. The XMT958 function can
be internally clocked from the PLL or from an
MCLK input if MCLK is 256Fs or 512Fs. All
channel status information can be used when using
software which supports this functionality. This
output can be used for either 2 channel PCM output
or compressed data output in accordance with
IEC61937. To be fully IEC60958 compliant this
output would need to be buffered through an
RS422 device or an optocoupler as its outputs are
only
CMOS.
Please
consult
the
CS4923/4/5/6/7/8/9 Hardware User’s Guide and an
application code user’s guide to determine if this
pin is supported by the download code being used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com