Electronic Components Datasheet Search
  English  ▼

X  

2SC3679B Datasheet(PDF) 3 Page - Nell Semiconductor Co., Ltd

Part # 2SC3679B
Description  Silicon NPN triple diffusion planar transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

2SC3679B Datasheet(HTML) 3 Page - Nell Semiconductor Co., Ltd

  2SC3679B Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 2SC3679B Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 2SC3679B Datasheet HTML 3Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SEMICONDUCTOR
Nell High Power Products
RoHS
RoHS
Fig.4 h
-l Characteristics (Typical)
FE
C
Fig.5 Switching time - I Characteristics
C
(Typical)
Collector Current l (A)
C
Collector Current l (A)
C
Fig.7 Safe Operating Area (Single Pulse)
Collector-Emitter Voltage V
(V)
CE
Fig.8 Reverse Bias Safe Operating Area
Fig.9 P -T Derating
C
a
Collector-Emitter Voltage V
(V)
CE
Ambient Temperature T (°C)
a
Fig.6 Τhermal resistance
Time t(ms)
5
10
50
0.02
0.05 0.1
0.5
1
5
-55°C
25°C
125°C
0.2
0.5
1
5
10
0.1
0.5
1
5
V
= 250V
CC
l :
-
C l
: l
B1
B2
=2:0.3:1 Const.
tstg
tf
ton
0.1
0.5
1
2
1
10
100
1000
Without Heatsink
Natural Cooling
10
0m
s
10
m
s
1m
s
10
0µ
s
10
5
1
0.5
0.1
0.05
0.01
5
10
50
100
500 1000
20
10
5
1
0.5
0.1
0.05
0.01
50
100
500
1000
Without Heatsink
Natural Cooling
L = 3mH
I
= -1.0A
B2
Duty:less than1%
Without Heatsink
100
50
3.5
0
0
25
50
100
125
150
75
Page 3 of 3
www.nellsemi.com
2SC3679B
20
I
= 10A
CP
I = 5A
C
I
= 10A
CP



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com