Electronic Components Datasheet Search
  English  ▼

X  

2SC3679B Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part # 2SC3679B
Description  Silicon NPN triple diffusion planar transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

2SC3679B Datasheet(HTML) 1 Page - Nell Semiconductor Co., Ltd

  2SC3679B Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 2SC3679B Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 2SC3679B Datasheet HTML 3Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
12
30
J
2S
C
36
79
FEATURES
High collector to base voltage VCBO
Satisfactory linearity of foward current transfer ratio hFE
TO-3P package which can be installed to the heat sink
APPLICATIONS
SEMICONDUCTOR
RoHS
RoHS
Silicon NPN triple diffusion planar transistor
Nell High Power Products
2SC3679B
(High voltage switching transistor)
Switching regulator and general purpose
ABSOLUTE MAXIMUM RATINGS (T = 25°C)
a
UNIT
V
PC
ICP
Tstg
PARAMETER
Collector to emitter voltage
ºC
7
3.5
10
5
Peak collector current
Collector current
Base current
Collector power dissipation
Junction temperature
High-speed switching
900
800
100
2.5
VALUE
VCBO
Tj
-55 to 150
150
A
Collector to base voltage
Emitter to base voltage
SYMBOL
VCEO
VEBO
IC
IB
T = 25°C
C
T = 25°C
a
Storage temperature
W
with one screw
15.6±0.4
9.6
2
3
1.05
+0.2
-0.1
5.45±0.1
5.45±0.1
Φ3.2 0,1
±
4.8±0.2
2.0±0.1
0.65
+0.2
-0.1
1.4
B
C
E
1
2
3
Page 1 of 3
www.nellsemi.com
All dimensions in millimeters
NPN
C
B
E
TO-3P(B)
5A/800V/100W
UNIT
THERMAL RESISTANCE (T =25
°C)
a
PARAMETER
Thermal resistance, junction to ambient
SYMBOL
Rth(j-c)
°C/W
Min
Max
Typ
2.0


Similar Part No. - 2SC3679B

ManufacturerPart #DatasheetDescription
logo
Sanken electric
2SC3679 SANKEN-2SC3679 Datasheet
25Kb / 1P
Silicon NPN Triple Diffused Planar Transistor(Switching Regulator and General Purpose)
logo
Savantic, Inc.
2SC3679 SAVANTIC-2SC3679 Datasheet
188Kb / 4P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC3679 JMNIC-2SC3679 Datasheet
183Kb / 4P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC3679 ISC-2SC3679 Datasheet
155Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC3679 SAVANTIC-2SC3679 Datasheet
190Kb / 4P
Silicon NPN Power Transistors
More results

Similar Description - 2SC3679B

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD2215 PANASONIC-2SD2215 Datasheet
49Kb / 2P
Silicon NPN triple diffusion planar type(Silicon NPN triple diffusion planar type)
logo
Hi-Sincerity Mocroelect...
HBF4522D HSMC-HBF4522D Datasheet
32Kb / 3P
NPN TRIPLE DIFFUSION PLANAR TRANSISTOR
logo
Panasonic Semiconductor
22SC5405 PANASONIC-22SC5405 Datasheet
37Kb / 2P
Silicon NPN triple diffusion planar type
2SC3870 PANASONIC-2SC3870 Datasheet
59Kb / 3P
Silicon NPN triple diffusion planar type
logo
Nell Semiconductor Co.,...
2SC2625B NELLSEMI-2SC2625B Datasheet
258Kb / 3P
Silicon NPN triple diffusion planar transistor
2SC3320B NELLSEMI-2SC3320B Datasheet
250Kb / 3P
Silicon NPN triple diffusion planar transistor
2SC4110B NELLSEMI-2SC4110B Datasheet
271Kb / 4P
Silicon NPN triple diffusion planar transistor
2SC5027 NELLSEMI-2SC5027 Datasheet
258Kb / 5P
Silicon NPN triple diffusion planar transistor
2SC5198B NELLSEMI-2SC5198B Datasheet
227Kb / 3P
Silicon NPN triple diffusion planar transistor
FJA13009 NELLSEMI-FJA13009 Datasheet
278Kb / 4P
Silicon NPN triple diffusion planar transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com