Electronic Components Datasheet Search
  English  ▼

X  

BU508 Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part # BU508
Description  High voltage NPN Power transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

BU508 Datasheet(HTML) 1 Page - Nell Semiconductor Co., Ltd

  BU508 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd BU508 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd BU508 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd BU508 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
APPLICATIONS
SEMICONDUCTOR
RoHS
RoHS
High voltage NPN Power transistor
Nell High Power Products
8A, 1500V
Page 1 of 4
www.nellsemi.com
THERMAL CHARACTERISTICS (T = 25°C)
C
UNIT
PARAMETER
1.0
VALUE
Rth(j-c)
Thermal resistance, junction to case
SYMBOL
ºC/W
BU508 Series
TO-3PB
(BU805B)
B
C
E
C
1
2
3
TO-247AB
(BU508C)
UNIT
W
V
°C
A
VALUE
8
15
1500
9
4
700
125
150
-55 to 150
ABSOLUTE MAXIMUM RATINGS (T = 25°C unless otherwise specified)
C
V
=0
BE
TEST CONDITIONS
I =0
B
T =25°C
C
Collector power dissipation
PARAMETER
Peak collector current
Collector current-continuous
Storage temperature
Emitter to base voltage
Collector to emitter voltage
Collector to emitter voltage
SYMBOL
PD
VCEO
VCES
VEBO
ICM
TSTG
IC
Base Current
IB
Junction temperature
TJ
I =0
C
Stable performance vs. operating
temperature variation
High ruggedness
Tigth h
range at operating collector current
FE
TO-3P and TO-247AB package which can be
installed to the heat sink with one screw
Switching mode power supplies and
general purpose
High frequency inverters
UNIT
V
700
0.2
1.0
30
2
5
2.5
0.2
1.1
ELECTRICAL CHARACTERISTICS (T = 25°C unless otherwise specified)
C
TEST CONDITIONS
V
=1500V, l =0
CEO
E
Storage time
Collector to emitter saturation voltage
PARAMETER
Collector to emitter voltage
Base to emitter saturation voltage
Emitter cutoff current
Collector cutoff current ( V
= 0 )
BE
SYMBOL
ICES
lEBO
VCEO
VCE(sat)*
VBE(sat)*
tstg
tf
Fall time
Min.
Typ.
Max.
V
=9V, l =0
EBO
C
I =0
B
I =0.1A, V
=5V
C
CE
I =4.5A,
C
V
=5V
CE
I =4.5A, I =2A
C
B
I =4.5A, I
=0.5A, V
C
B(on)
=-2.7V
BE(off)
f =16KHz, L
=4.5µH
h
BB(off)
Forward current transfer ratio
(DC current gain)
hFE*
mA
T =125°C
C
T =25°C
C
Collector to emitter sustaining voltage
V
*
CEO(SUS)
I =100mA
C
700
10
I =4.5A, I =1.6A
C
B
1.0
µ
S
*Pulsed: Pulse duration= 300μs, duty cycle= 1.5%.
V
NPN
C
B
E
(2)
(1)
(3)
t <5 ms
p


Similar Part No. - BU508

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BU508 MOSPEC-BU508 Datasheet
162Kb / 4P
POWER TRANSISTORS(5A,1500V,125W)
logo
Savantic, Inc.
BU508 SAVANTIC-BU508 Datasheet
137Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
BU508 ISC-BU508 Datasheet
134Kb / 3P
Silicon NPN Power Transistors
logo
Savantic, Inc.
BU508 SAVANTIC-BU508 Datasheet
138Kb / 3P
Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
BU508 NJSEMI-BU508 Datasheet
133Kb / 2P
Silicon NPN Power Transistor
More results

Similar Description - BU508

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUX84S PHILIPS-BUX84S Datasheet
29Kb / 4P
NPN high voltage Power transistor
February 1999 Rev 1.000
logo
STMicroelectronics
STD616A-1 STMICROELECTRONICS-STD616A-1 Datasheet
42Kb / 5P
HIGH VOLTAGE NPN POWER TRANSISTOR
Apr-1999
BUXD87 STMICROELECTRONICS-BUXD87 Datasheet
202Kb / 6P
HIGH VOLTAGE NPN POWER TRANSISTOR
Apr-1999
BUX98APW STMICROELECTRONICS-BUX98APW Datasheet
46Kb / 4P
HIGH VOLTAGE NPN POWER TRANSISTOR
Feb-2002
STD616A STMICROELECTRONICS-STD616A_03 Datasheet
122Kb / 6P
HIGH VOLTAGE NPN POWER TRANSISTOR
Jun-2003
STX616 STMICROELECTRONICS-STX616 Datasheet
111Kb / 8P
High voltage NPN power transistor
22-Oct-2007
2ST501T STMICROELECTRONICS-2ST501T Datasheet
154Kb / 6P
HIGH VOLTAGE NPN POWER TRANSISTOR
25-Feb-2005
logo
Cystech Electonics Corp...
TIP50I3 CYSTEKEC-TIP50I3 Datasheet
269Kb / 6P
High Voltage NPN Power Transistor
logo
ON Semiconductor
BUT11AF ONSEMI-BUT11AF Datasheet
60Kb / 8P
High Voltage NPN Power Transistor
March, 2001 ??Rev. 4
logo
Inchange Semiconductor ...
ISB3026 ISC-ISB3026 Datasheet
277Kb / 2P
High Voltage NPN Power Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com