Electronic Components Datasheet Search
  English  ▼

X  

BU508 Datasheet(PDF) 2 Page - Nell Semiconductor Co., Ltd

Part # BU508
Description  High voltage NPN Power transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

BU508 Datasheet(HTML) 2 Page - Nell Semiconductor Co., Ltd

  BU508 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd BU508 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd BU508 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd BU508 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SEMICONDUCTOR
Nell High Power Products
RoHS
RoHS
Fig.1 Power derating
Fig.2 Collector saturation region
Fig.3 DC current gain
Fig.4 “ON” voltages
Fig.5 Switching behavior vs. lCM
150
125
100
75
50
25
0
0
150
125
100
75
50
25
2.8
2.4
2.0
1.6
1.2
0.8
0.4
0
0.3
0.5
0.7
1.0
2
3
Temperature, T (°C)
C
Base current, l (A)
B
Collector current (A), lC
Collector current (A), lC
20
10
5
3
2
0.05
0.1
0.2
0.5
1
2
5
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0.05
0.1
0.2
0.5
1
2
5
Collector current (A), lC
20
10
5.0
2.0
1.0
0.5
3
3.5
4.0
4.5
5.0
l = 2A
C
3A
3.5A 4A
4.5A
T = 25°C
C
T = 25°C
J
T = 100°C
J
V
= 5V
CE
T = 25°C
C
T =100°C
C
VBE(sat) @ l / l = 2.0
C
B
VCE(sat) @ l / l = 2.0
C
B
I = 4.5A, l
C
=1.8A
B1
L = 10uH
B
tS
tf
Page 2 of 4
www.nellsemi.com
BU508 Series



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com