Electronic Components Datasheet Search
  English  ▼

X  

IRF830 Datasheet(PDF) 6 Page - Nell Semiconductor Co., Ltd

Part # IRF830
Description  N-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

IRF830 Datasheet(HTML) 6 Page - Nell Semiconductor Co., Ltd

  IRF830 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd IRF830 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd IRF830 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd IRF830 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd IRF830 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd IRF830 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd IRF830 Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Fig.12c. Maximum avalanche energy vs.
Drain current
SEMICONDUCTOR
Nell High Power Products
RoHS
RoHS
IRF830 Series
500
600
400
200
0
Starting Junction temperature, T (°C)
J
+
-
Fig.13b. Gate charge test circuit
QG
QGS
QGD
10V
VGS
Charge
•
•
•
P.W.
Period
di/dt
Diode Recovery
dv/dt
Ripple ≤ 5%
Body Diode
Forward Drop
Re-Applied
Voltage
Reverse
Recovery
Current
Body Diode Forward
Current
VGS=10V
VDD
ISD
Driver Gate Drive
D.U.T. I SD Waveform
D.U.T. VDS Waveform
Inductor Curent
D =
P.W.
Period
*
+
-
+
+
+
-
-
-
•
•
•
•
Circuit Layout Considerations
Low Stray lnductance
Ground Plane
Low Leakage lnductance
Current Transformer
dv/dt controlled by RG
Driver same type as D.U.T.
l
controlled by Duty Factor D
SD
" "
D.U.T. -Device Under Test
D.U.T.
RG
VDD
*V
= 5V for Logic Level Devices and 3V for drive devices
GS
Current Regulator
Same Type as D.U.T.
12V
0.2µF
50KΩ
0.3µF
VGS
3mA
D.U.T.
VDS
RD
RG
Fig.14 Peak diode recovery dv/dt test circuit for N-Channel MOSFET
Fig.13a. Basic gate charge waveform
Current Sampling Resistors
25
50
75
100
125
150
100
www.nellsemi.com
Page 6 of 7
300
lD
TOP
BOTTOM
2.0A
2.8A
4.5A
V
= 50 V
DD



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com