Electronic Components Datasheet Search
  English  ▼

X  

IRF830 Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part # IRF830
Description  N-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

IRF830 Datasheet(HTML) 1 Page - Nell Semiconductor Co., Ltd

  IRF830 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd IRF830 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd IRF830 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd IRF830 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd IRF830 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd IRF830 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd IRF830 Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SEMICONDUCTOR
RoHS
RoHS
Nell High Power Products
IRF830 Series
www.nellsemi.com
Page 1 of 7
N-Channel Power MOSFET
(4.5A, 500Volts)
The Nell IRF830 are N-Channel enhancement mode silicon
gate power field effect transistors. They are designed, tested
and guaranteed to withstand a specified level of energy in the
breakdown avalanche mode of operation.
DESCRIPTION
Low reverse transfer capacitance
(C
= 68pF typical)
RSS
R
= 1.5Ω @ V
= 10V
DS(ON)
GS
Ultra low gate charge(38nC Max.)
Fast switching capability
100% avalanche energy specified
Improved dv/dt capability
150°C operation temperature
FEATURES
PRODUCT SUMMARY
I (A)
D
4.5
V
(V)
DSS
500
1.5 @ V
= 10V
GS
38
R
(Ω)
DS(ON)
Q (nC) max.
G
UNIT
V /ns
V
W /°C
A
mJ
ºC
-55 to 150
VALUE
4.5
2.9
500
±20
18
500
74
3.5
ABSOLUTE MAXIMUM RATINGS (T = 25°C unless otherwise specified)
C
T =25°C to 150°C
J
TEST CONDITIONS
R
=20KΩ
GS
V
=10V,
GS
T =25°C
C
V
=10V,
GS
T =100°C
C
Operation junction temperature
Storage temperature
Peak diode recovery dv/dt(Note 3)
PARAMETER
Pulsed Drain current(Note 1)
Continuous Drain Current
Total power dissipation
Gate to Source voltage
Drain to Gate voltage
Drain to Source voltage(Note 1)
SYMBOL
VDGR
VDSS
dv/dt
VGS
IDM
TSTG
PD
ID
TJ
TL
.
.
lbf in (N m)
300
Maximum soldering temperature, for 10 seconds
Mounting torque, #6-32 or M3 screw
-55 to 150
Note:
1.Repetitive rating: pulse width limited by junction temperature.
10 (1.1)
1.6mm from case
IAR
Repetitive avalanche current(Note 1)
4.5
T =25°C
C
2
.V
= 50V, L=24mH, l
=4.5A, R =25Ω, starting T =25°C
DD
AS
G
J
280
Single pulse avalanche energy(Note 2)
EAS
3
.I
≤ 4.5A, di/dt ≤ 75A/µs, V
≤ V
, starting T
150°C.
SD
DD
(BR)DSS
J ≤
0.59
Derating factor above 25
°C
They are designed as an extremely efficient and reliable
device for use in a wide variety of applications such as
switching regulators. convertors, UPS, switching mode power
supplies and drivers for high power bipolar switching
transistors requiring high speed and low gate drive power.
These transistors can be operated directly from integrated
circuits.
(IRF830A)
TO-220AB
D
S
G
D
mJ
7.4
Repetitive avalanche energy(Note 1)
EAR
l
=4.5A, R
=10V
AR
GS
=50Ω, V
GS
l
=4.5A, =24mH
AS
L
D (Drain)
G
(Gate)
S (Source)
W


Similar Part No. - IRF830

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IRF830 PHILIPS-IRF830 Datasheet
58Kb / 7P
PowerMOS transistor Avalanche energy rated
March 1999 Rev 1.000
logo
STMicroelectronics
IRF830 STMICROELECTRONICS-IRF830 Datasheet
92Kb / 8P
N - CHANNEL 500V - 1.35ohm - 4.5A - TO-220 PowerMESH] MOSFET
Aug-1998
logo
Transys Electronics
IRF830 TRSYS-IRF830 Datasheet
282Kb / 3P
N-CHANNEL ENHANCEMENT MODE
logo
Fairchild Semiconductor
IRF830 FAIRCHILD-IRF830 Datasheet
141Kb / 6P
N-Channel Power MOSFETs, 4.5 A, 450V/500V
logo
Intersil Corporation
IRF830 INTERSIL-IRF830 Datasheet
56Kb / 7P
4.5A, 500V, 1.500 Ohm, N-Channel Power MOSFET
July 1999
More results

Similar Description - IRF830

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA70N15 FAIRCHILD-FQA70N15 Datasheet
738Kb / 8P
N-Channel Power MOSFET
FQA90N15 FAIRCHILD-FQA90N15 Datasheet
749Kb / 8P
N-Channel Power MOSFET
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
N-Channel Power MOSFET
logo
Gunter Seniconductor Gm...
GFC224 GSG-GFC224 Datasheet
100Kb / 1P
N Channel Power MOSFET
GFC250 GSG-GFC250 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC254 GSG-GFC254 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC330 GSG-GFC330 Datasheet
98Kb / 1P
N Channel Power MOSFET
logo
ON Semiconductor
EMH2412-TL-H ONSEMI-EMH2412-TL-H Datasheet
550Kb / 7P
N-Channel Power MOSFET
July, 2013
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
MOSFET N-CHANNEL POWER MOSFET
REV1.0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com